| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9925BBCZRL bảng dữ liệu(PDF) 84 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9925BBCZRL bảng dữ liệu(HTML) 84 Page - Analog Devices |
|
84 / 96 page ![]() AD9925 Rev. A | Page 84 of 96 Table 71. Field 3 Register Map Address Data Bit Content Default Value Register Name Register Description E8 [3:0] [4] [5] [9:6] [10] [11] [15:12] [16] [17] [21:18] [22] [23] X X X X X X X X X X X X VSEQSEL_3 SWEEP0_3 MULTI0_3 VSEQSEL1_3 SWEEP1_3 MULTI1_3 VSEQSEL2_3 SWEEP2_3 MULTI2_3 VSEQSEL3_3 SWEEP3_3 MULTI3_3 Selected Vertical Sequence for Region 0. Select Sweep Region for Region 0. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 0. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 1. Select Sweep Region for Region 1. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 1. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 2. Select Sweep Region for Region 2. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 2. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 3. Select Sweep Region for Region 3. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 3. 0 = No Multiplier, 1 = Multiplier. E9 [3:0] [4] [5] [9:6] [10] [11] [15:12] [16] [17] [23:18] X X X X X X X X X VSEQSEL4_3 SWEEP4_3 MULTI4_3 VSEQSEL5_3 SWEEP5_3 MULTI5_3 VSEQSEL6_3 SWEEP6_3 MULTI6_3 UNUSED Selected Vertical Sequence for Region 4. Select Sweep Region for Region 4. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 4. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 5. Select Sweep Region for Region 5. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 5. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 6. Select Sweep Region for Region 6. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 6. 0 = No Multiplier, 1 = Multiplier. Unused . EA [11:0] [23:12] X X SCP1_3 SCP2_3 Vertical Sequence Change Position No. 1 for Field 3. Vertical Sequence Change Position No. 2 for Field 3. EB [11:0] [23:12] X X SCP3_3 SCP4_3 Vertical Sequence Change Position No. 3 for Field 3. Vertical Sequence Change Position No. 4 for Field 3. EC [11:0] [23:12] X X VDLEN_3 HDLAST_3 VD Field Length (Number of Lines) for Field 3. HD Line Length (Number of Pixels) for Last Line in Field 3. ED [3:0] [9:4] [21:10] [22] X X X X VPATSECOND_3 SGMASK_3 SGPATSEL_3 HDLAST13_3 Selected Second Vertical Pattern Group for VSG Active Line. Masking of VSG Outputs during VSG Active Line. Selection of VSG Patterns for Each VSG Output. MSB for 13-Bit Last Line Length EE [11:0] [23:12] X X SGLINE1_3 SGLINE2_3 VSG Active Line 1. VSG Active Line 2. (If No Second Line Is Needed, Set to Same as Line 1 or Maximum). EF [11:0] [23:12] X X SCP5_3 SCP6_3 Vertical Sequence Change Position No. 5 for Field 3. Vertical Sequence Change Position No. 6 for Field 3. |