| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9925BBCZRL bảng dữ liệu(PDF) 82 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9925BBCZRL bảng dữ liệu(HTML) 82 Page - Analog Devices |
|
82 / 96 page ![]() AD9925 Rev. A | Page 82 of 96 Table 69. Field 1 Register Map Address Data Bit Content Default Value Register Name Register Description D8 [3:0] [4] [5] [9:6] [10] [11] [15:12] [16] [17] [21:18] [22] [23] X X X X X X X X X X X X VSEQSEL0_1 SWEEP0_1 MULTI0_1 VSEQSEL1_1 SWEEP1_1 MULTI1_1 VSEQSEL2_1 SWEEP2_1 MULTI2_1 VSEQSEL3_1 SWEEP3_1 MULTI3_1 Selected Vertical Sequence for Region 0. Select Sweep Region for Region 0. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 0. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 1. Select Sweep Region for Region 1. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 1. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 2. Select Sweep Region for Region 2. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 2. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 3. Select Sweep Region for Region 3. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 3. 0 = No Multiplier, 1 = Multiplier. D9 [3:0] [4] [5] [9:6] [10] [11] [15:12] [16] [17] [23:18] X X X X X X X X X VSEQSEL4_1 SWEEP4_1 MULTI4_1 VSEQSEL5_1 SWEEP5_1 MULTI5_1 VSEQSEL6_1 SWEEP6_1 MULTI6_1 UNUSED Selected Vertical Sequence for Region 4. Select Sweep Region for Region 4. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 4. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 5. Select Sweep Region for Region 5. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 5. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 6. Select Sweep Region for Region 6. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 6. 0 = No Multiplier, 1 = Multi- plier. Unused. DA [11:0] [23:12] X X SCP1_1 SCP2_1 Vertical Sequence Change Position No. 1 for Field 1. Vertical Sequence Change Position No. 2 for Field 1. DB [11:0] [23:12] X X SCP3_1 SCP4_1 Vertical Sequence Change Position No. 3 for Field 1. Vertical Sequence Change Position No. 4 for Field 1. DC [11:0] [23:12] X X VDLEN_1 HDLAST_1 VD Field Length (Number of Lines) for Field 1. HD Line Length (Number of Pixels) for Last Line in Field 1. DD [3:0] [9:4] [21:10] [22] X X X X VPATSECOND_1 SGMASK_1 SGPATSEL_1 HDLAST13_1 Selected Second Vertical Pattern Group for VSG Active Line. Masking of VSG Outputs during VSG Active Line. Selection of VSG Patterns for Each VSG Output. MSB for 13-Bit Last Line Length DE [11:0] [23:12] X X 1 VSG Active Line 1. VSG Active Line 2. (If No Second Line Is Needed, Set to Same as Line 1 or Maximum). SGLINE1_ SGLINE2_1 DF [11:0] [23:12] X X SCP5_1 SCP6_1 Vertical Sequence Change Position No. 5 for Field 1. Vertical Sequence Change Position No. 6 for Field 1. |