| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9925BBCZRL bảng dữ liệu(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9925BBCZRL bảng dữ liệu(HTML) 22 Page - Analog Devices |
|
22 / 96 page ![]() AD9925 Rev. A | Page 22 of 96 HORIZONTAL CCD REGISTER EFFECTIVE IMAGE AREA 28 DUMMY PIXELS 48 OB PIXELS 4 OB PIXELS 10 VERTICAL OB LINES 2 VERTICAL OB LINES V H Figure 28. Example CCD Configuration VERTICAL SHIFT VERT SHIFT CCDIN SHP SHD H1/H3 H2/H4 HBLK PBLK CLPOB OPTICAL BLACK DUMMY EFFECTIVE PIXELS OB OPTICAL BLACK HD Figure 29. Horizontal Sequence Example VERTICAL TIMING GENERATION The AD9925 provides a very flexible solution for generating vertical CCD timing and can support multiple CCDs and dif- ferent system architectures. The vertical transfer clocks XV1 to XV8 are used to shift each line of pixels into the ut register of the CCD. The AD9925 allows these outputs to be individually programmed into various readout configurations, sing a 4-step process. Figure 30 shows an overview of how the vertical timing is gen- erated in four steps. First, the individual pulse patterns for XV1 to XV8 are created by using the vertical pattern group registers. Second, the vertical pattern groups are used to build the sequences, where additional information is added. Third, the readout for an entire field is constructed by dividing the field into different regions and then assigning a sequence to ea can contain up to seven different regions to accommodate the different steps of the readout, such as high speed line shifts and unique vertical line transfers. Up to six different fields may be created. Finally, the MODE register al- lows the different fields to be combined into any order for vari- ous readout configurations. horizontal out- region. Each field p u ch |