| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9925BBCZRL bảng dữ liệu(PDF) 90 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9925BBCZRL bảng dữ liệu(HTML) 90 Page - Analog Devices |
|
90 / 96 page ![]() AD9925 Rev. A | Page 90 of 96 Table 82. XV7 and XV8 Pattern Group 8 (VPAT8) Registers Address Data Bit Content Default Value Register Name Register Description 40 [0] [1] [11:2] [23:12] X X X X XV7POL_8 XV8POL_8 UNUSED XV78LEN_8 VPAT8 XV7 Start Polarity VPAT8 XV8 Start Polarity Unused Total Length of XV7 and XV8 Pattern for VPAT8 41 [11:0] [23:12] X X XV7TOG1_8 XV7TOG2_8 XV7 Toggle Position 1 XV7 Toggle Position 2 42 [11:0] [23:12] X X XV7TOG3_8 XV8TOG1_8 XV7 Toggle Position 3 XV8 Toggle Position 1 43 [11:0] [23:12] X X XV8TOG2_8 XV8TOG3_8 XV8 Toggle Position 2 XV8 Toggle Position 3 44 [11:0] [23:12] X X XV7TOG4_8 XV8TOG4_8 XV7 Toggle Position 4 XV8 Toggle Position 4 45 [23:0] X UNUSED Unused 46 [23:0] X UNUSED Unused 47 [23:0] X UNUSED Unused Table 83. XV7 and XV8 Pattern Group 9 (VPAT9) Registers Address Data Bit Content Default Value Register Name Register Description 48 [0] [1] [11:2] [23:12] X X X X XV7POL_9 XV8POL_9 UNUSED XV78LEN_9 VPAT9 XV7 Start Polarity VPAT9 XV8 Start Polarity Unused Total Length of XV7 and XV8 Pattern for VPAT9 49 [11:0] [23:12] X X XV7TOG1_9 XV7TOG2_9 XV7 Toggle Position 1 XV7 Toggle Position 2 4A [11:0] [23:12] X X XV7TOG3_9 XV8TOG1_9 XV7 Toggle Position 3 XV8 Toggle Position 1 4B [11:0] [23:12] X X XV8TOG2_9 XV8TOG3_9 XV8 Toggle Position 2 XV8 Toggle Position 3 4C [11:0] [23:12] X X XV7TOG4_9 XV8TOG4_9 XV7 Toggle Position 4 XV8 Toggle Position 4 4D [23:0] X UNUSED Unused 4E [23:0] X UNUSED Unused 4F [23:0] X UNUSED Unused Table 84. XV7 and XV8 Vertical Sequence 0 Registers Address Data Bit Content Default Value Register Name Register Description 50 [0] [11:1] [23:12] X X X HOLD_0 UNUSED XV78START_0 0: Vertical Masking Operation, 1: Hold Area instead of Vertical Masking Unused Start Position for XV7 and XV8 51 [11:0] [23:12] X X XV78REPO_0 XV78REPE_0 Number of Selected XV7, XV8 Repetitions for Odd Lines Number of Selected XV7, XV8 Repetitions for Even Lines 52 [0] [23:1] X X XV78HOLDEN_0 UNUSED 0: No Hold Area for XV7 and XV8,1: Enable Hold Area for XV7 and XV8 Unused 53 [23:0] X UNUSED Unused |