công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADT75EBZ bảng dữ liệu(PDF) 23 Page - Analog Devices

tên linh kiện EVAL-ADT75EBZ
Giải thích chi tiết về linh kiện  12-Bit Digital Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT75EBZ bảng dữ liệu(HTML) 23 Page - Analog Devices

Back Button EVAL-ADT75EBZ Datasheet HTML 17Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 18Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 19Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 20Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 21Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 22Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
ADT75
Data Sheet
Rev. B | Page 22 of 24
TEMPERATURE MONITORING
The ADT75 is ideal for monitoring the thermal environment
within electronic equipment. For example, the surface-mounted
package accurately reflects the exact thermal conditions that
affect nearby integrated circuits.
The ADT75 measures and converts the temperature at the
surface of its own semiconductor chip. When the ADT75 is
used to measure the temperature of a nearby heat source, the
thermal impedance between the heat source and the ADT75
must be considered. Often, a thermocouple or other temperature
sensor is used to measure the temperature of the source, while
the temperature is monitored by reading back from the ADT75
temperature value register.
Once the thermal impedance is determined, the temperature of
the heat source can be inferred from the ADT75 output. As
much as 60% of the heat transferred from the heat source to the
thermal sensor on the ADT75 die is discharged via the copper
tracks, the package pins, and the bond pads. Of the pins on the
ADT75, the GND pin transfers most of the heat. Therefore, to
measure the temperature of a heat source it is recommended
that the thermal resistance between the ADT75 GND pin and
the GND of the heat source is reduced as much as possible.
For example, use the ADT75’s unique properties to monitor a
high-power dissipation microprocessor. The ADT75 device, in a
surface-mounted package, is mounted directly beneath the
microprocessor’s pin grid array (PGA) package. The ADT75
produces a linear temperature output while needing only two
I/O pins and requiring no external characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com