công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADT75EBZ bảng dữ liệu(PDF) 19 Page - Analog Devices

tên linh kiện EVAL-ADT75EBZ
Giải thích chi tiết về linh kiện  12-Bit Digital Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT75EBZ bảng dữ liệu(HTML) 19 Page - Analog Devices

Back Button EVAL-ADT75EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 16Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 17Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 18Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 19Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 20Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 21Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 22Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
ADT75
Data Sheet
Rev. B | Page 18 of 24
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
ACK. BY
ADT75
ACK. BY
ADT75
ACK. BY
ADT75
STOP BY
MASTER
FRAME 4
DATA BYTE
SCL
SDA
START BY
MASTER
1
0
0
1
A2
A1
A0
P7
P6
P5
P4
P3
P2
P1
P0
9
D7
D6
D5
D4
D3
D2
D1
D0
R/W
1
9
1
9
1
ACK. BY
ADT75
FRAME 3
DATA BYTE
SDA (CONTINUED)
SCL (CONTINUED)
D15
D14
D13
D12
D11
D10
D9
D8
9
1
Figure 16. Writing to the Address Pointer Register Followed by Two Bytes of Data to Either THYST or TOS Registers
SCL
SDA
1
1
0
0
1
A2
A1
A0
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS
BYTE
FRAME 2
DATA BYTE FROM CONFIGURATION
REGISTER
STOP BY
MASTER
ACK. BY
ADT75
NO ACK. BY
MASTER
R/W
D7
D6
D5
D4
D3
D2
D1
D0
9
9
1
Figure 17. Reading Back Data from the Configuration Register
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
MSB DATA BYTE FROM TEMPERATURE
VALUE REGISTER
ACK. BY
ADT75
ACK. BY
MASTER
SCL
SDA
START BY
MASTER
1
0
0
1
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
9
R/W
1
9
1
NO ACK. BY
MASTER
STOP BY
MASTER
FRAME 3
LSB DATA BYTE FROM TEMPERATURE
VALUE REGISTER
SDA (CONTINUED)
SCL (CONTINUED)
D7
D6
D5
D4
D3
D2
D1
D0
9
1
Figure 18. Reading Back Data from the Temperature Value Register
READING DATA
Reading data from the ADT75 is done in a one data byte operation
for the configuration register and a two data byte operation for
the temperature value register, THYST register, and the TOS setpoint
register. Reading back the contents of the configuration register
is shown in Figure 17. Reading back the contents of the temperature
value register is shown in Figure 18. Reading back from any register
first requires a single-byte write operation to the address pointer
register to set up the register address of the register that is going
to be read from. To read from another register, execute another
write to the address pointer register to set up the relevant register
address. Thus, block reads are not possible, that is, there is no I2C
auto-increment. If the address pointer register has previously been
set up with the address of the register that is going to receive a
read command then there is no need to repeat a write operation
to set up the register address again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com