công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADT75EBZ bảng dữ liệu(PDF) 14 Page - Analog Devices

tên linh kiện EVAL-ADT75EBZ
Giải thích chi tiết về linh kiện  12-Bit Digital Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT75EBZ bảng dữ liệu(HTML) 14 Page - Analog Devices

Back Button EVAL-ADT75EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 16Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 17Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Data Sheet
ADT75
Rev. B | Page 13 of 24
REGISTERS
The ADT75 contains six registers: four are data registers, one is
the address pointer register, and the final register is the one-shot
register. The configuration register is the only data register that
is 8 bits wide while the rest are 16 bits wide. The temperature
value register is the only data register that is read only. Both a read
and write can be performed on the rest of the data registers and
on the one-shot register. On power-up, the address pointer register
is loaded with 0x00 and points to the temperature value register.
Table 7. ADT75 Registers
Pointer Address
Name
Power-On Default
0x00
Temperature value
0x00
0x01
Configuration
0x00
0x02
T
HYST setpoint
0x4B00 (75°C)
0x03
T
OS setpoint
0x5000 (80°C)
0x04
One-shot
0xXX
Address Pointer Register
This 8-bit write only register stores an address that points to one
of the four data registers and selects the one-shot mode. P0 and
P1 select the data register to which subsequent data bytes are
written to or read from. P0, P1, and P2 are used to select the
one-shot mode by writing 04h to this register. A zero should be
written to the rest of the bits.
Table 8. Address Pointer Register
P7
P6
P5
P4
P3
P2
P1
P0
Default Settings at
Power-Up
0
0
0
0
0
0
0
0
Table 9. Register Addresses
P2
P1
P0
Register Selected
0
0
0
Temperature value
0
0
1
Configuration
0
1
0
T
HYST setpoint
0
1
1
T
OS setpoint
1
0
0
One-shot mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com