công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADT75EBZ bảng dữ liệu(PDF) 18 Page - Analog Devices

tên linh kiện EVAL-ADT75EBZ
Giải thích chi tiết về linh kiện  12-Bit Digital Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT75EBZ bảng dữ liệu(HTML) 18 Page - Analog Devices

Back Button EVAL-ADT75EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 16Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 17Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 18Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 19Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 20Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 21Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Data Sheet
ADT75
Rev. B | Page 17 of 24
WRITING DATA
Depending on the register being written to, there are two different
writes for the ADT75.
Writing to the Address Pointer Register for a
Subsequent Read
To read data from a particular register, the address pointer register
must contain the address of that register. If it does not, the correct
address must be written to the address pointer register by
performing a single-byte write operation, as shown in Figure 14.
The write operation consists of the serial bus address followed
by the address pointer byte. No data is written to any of the data
registers. A read operation is then performed to read the register.
Writing Data to a Register
The configuration register is 8-bits wide so only one byte of data
can be written to this register. Writing a single byte of data to
the configuration register consists of the serial bus address, the
data register address written to the address pointer register,
followed by the data byte written to the selected data register.
This is shown in Figure 15. The THYST register and the TOS register
are each 16-bits wide, so two data bytes can be written into these
registers. Writing two bytes of data to either one of these
registers consists of the serial bus address, the data register
address written to the address pointer register, followed by the
two data bytes written to the selected data register. This is shown
in Figure 16. If more than the required number of data bytes is
written to a register then the register ignores these extra data
bytes. To write to a different register, another start or repeated
start is required.
SCL
SDA
1
1
0
0
1
A2
A1
A0
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS
BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
STOP BY
MASTER
ACK. BY
ADT75
ACK. BY
ADT75
R/W
P7
P6
P5
P4
P3
P2
P1
P0
9
9
1
Figure 14. Writing to the Address Pointer Register to Select a Register for a Subsequent Read Operation
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
ACK. BY
ADT75
ACK. BY
ADT75
ACK. BY
ADT75
STOP BY
MASTER
FRAME 3
DATA BYTE
SDA (CONTINUED)
SCL (CONTINUED)
SCL
SDA
START BY
MASTER
1
0
0
1
A2
A1
A0
P7
P6
P5
P4
P3
P2
P1
P0
9
D7
D6
D5
D4
D3
D2
D1
D0
R/W
1
9
1
9
1
Figure 15. Writing to the Address Pointer Register Followed by a Single Byte of Data to the Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com