công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADT75EBZ bảng dữ liệu(PDF) 16 Page - Analog Devices

tên linh kiện EVAL-ADT75EBZ
Giải thích chi tiết về linh kiện  12-Bit Digital Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT75EBZ bảng dữ liệu(HTML) 16 Page - Analog Devices

Back Button EVAL-ADT75EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 16Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 17Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 18Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 19Page - Analog Devices EVAL-ADT75EBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Data Sheet
ADT75
Rev. B | Page 15 of 24
Table 11.
Bit
Function
D0
Shutdown
Shutdown Bit. Setting this bit to 1 puts the ADT75 into shutdown mode. All circuitry except the SMBus/I2C interface is powered
down. To power up the part again, write 0 to this bit.
D1
Cmp/Int
This bit selects between comparator and interrupt mode.
D1
Over Temperature Interrupt Modes
0
Comparator mode
1
Interrupt mode
D2
OS/ALERT
This bit selects the output polarity of the OS/ALERT pin.
D2
OS/ALERT Pin Polarity
0
Active low
1
Active high
D4:D3
Fault
Queue
These two bits set the number of overtemperature faults that occur before setting the OS/ALERT pin. This helps to avoid false
triggering due to temperature noise.
D [4:3]
Overtemperature Fault Queue
00
1 fault (default)
01
2 faults
10
4 faults
11
6 faults
D5
One-Shot
One-shot Mode. Setting this bit puts the part into one-shot mode. In this mode, the part is normally powered down until a
0x04 is written to the address pointer register; then a conversion is performed, and the part returns to power down.
D5
One-Shot Mode
0
Normal mode; powered up and converting every 100 ms
1
One-shot mode
D6
Reserved
Reserved. Write 0 to this bit.
D7
OS/SMBus
Alert
Mode
Interrupt Mode Only. Enable SMBus alert function mode. This bit can enable the ADT75 to support the SMBus alert function
when the interrupt mode is selected (D1 = 1).
D7
OS/SMBus Alert Mode
0
Disable SMBus alert function. The OS/ALERT pin behaves as an OS pin when this bit status is selected.
1
Enable SMBus alert function.
THYST Setpoint Register
This 16-bit read/write register stores the temperature hysteresis limit for the two interrupt modes. The temperature limit is stored in twos
complement format with the MSB being the temperature sign bit. When reading from this register the eight MSBs are read first and then
the eight LSBs are read. The default setting has the THYST limit at 75°C. The control register settings are the default settings on power up.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
1
0
1
1
0
0
0
0
N/A1
N/A1
N/A1
N/A1
1 N/A = not applicable.
TOS Setpoint Register
This 16-bit read/write register stores the overtemperature limit value for the two interrupt modes. The temperature limit is stored in twos
complement format with the MSB being the temperature sign bit. When reading from this register, the eight MSBs are read first and then
the eight LSBs are read. The default setting has the TOS limit at 80°C. The control register settings are the default settings on power up.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
1
0
0
0
0
0
0
0
0
N/A1
N/A1
N/A1
N/A1
1 N/A = not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com