công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8S18006FSC bảng dữ liệu(PDF) 49 Page - Zilog, Inc.

tên linh kiện Z8S18006FSC
Giải thích chi tiết về linh kiện  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8S18006FSC bảng dữ liệu(HTML) 49 Page - Zilog, Inc.

Back Button Z8S18006FSC Datasheet HTML 45Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 46Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 47Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 48Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 49Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 50Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 51Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 52Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
Z80180/Z8S180/Z8L180
Zilog
Enhanced Z180 Microprocessor
DS971800401
P R E L I M I N A R Y
1-49
1
CLOCK MULTIPLIER REGISTER (Z180 MPU ADDRESS 1EH)
Bit 7. X2 Clock Multiplier Mode. When this bit is set to 1,
this allows the programmer to double the internal clock
from that of the external clock. This feature will only oper-
ated effectively with frequencies of 10-16 MHz (20-32MHz
internal).
When
this
bit
is
set
to
0,
the
Z80180/Z8S180/Z8L180 device will operate in normal
mode. Upon powerup, this feature is disabled.
Bit 6. Low Noise Crystal Option. Setting this bit to 1 will
enable the low noise option for the EXTAL and XTAL pins.
This option reduces the gain, in addition to reduction the
output drive capability to 30% of its original drive capability.
The Low Noise Crystal Option is recommended in the use
of crystals for PCMCIA applications where the crystal may
be driven too hard by the oscillator. Setting this bit to 0 will
select for normal operation of the EXTAL and XTAL pins.
The default for this bit is 0.
Note: Operating restrictions for device operation are listed
below. If low noise option is required, and normal device
operation is needed, use the clock multiplier feature.
Figure 54. Clock Multiplier Register
11
1
00
1
76
5
4
3
2
1
1
0
1
RESERVED
LOW NOISE CRYSTAL
X2 CLOCK MULTIPLIER
Table 9. Low Noise Option
Low Noise
ADDR 1E, bit 6=1
Normal
ADDR 1E, bit 6=0
20 MHz @ 4.5V, 100
°C
33 MHz @ 4.5V, 100
°C
10 MHz @ 3.0V, 100
°C
20 MHz @ 3.0V, 100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com