công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8S18006FSC bảng dữ liệu(PDF) 45 Page - Zilog, Inc.

tên linh kiện Z8S18006FSC
Giải thích chi tiết về linh kiện  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8S18006FSC bảng dữ liệu(HTML) 45 Page - Zilog, Inc.

Back Button Z8S18006FSC Datasheet HTML 41Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 42Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 43Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 44Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 45Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 46Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 47Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 48Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 49Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
Z80180/Z8S180/Z8L180
Zilog
Enhanced Z180 Microprocessor
DS971800401
P R E L I M I N A R Y
1-45
1
Timer Reload Register 0L
RLDR0L
0E H
Timer Reload Register 0H
RLDR0H
0F H
TIMER CONTROL REGISTER (TCR)
TCR monitors both channels (PRT0, PRT1) TMDR status.
It also controls enabling and disabling of down counting
and interrupts along with controlling output pin A18/TOUT
for PRT1.
TIF1: Timer Interrupt Flag 1 (bit 7). When TMDR1 decre-
ments to 0, TIF1 is set to 1. This generates an interrupt re-
quest if enabled by TIE1 = 1. TIF1 is reset to 0 when TCR
is read and the higher or lower byte of TMDR1 is read. Dur-
ing RESET, TIF1 is cleared to 0.
TIF0: Timer Interrupt Flag 0 (bit 6). When TMDR0 decre-
ments to 0, TIF0 is set to 1. This generates an interrupt re-
quest if enabled by TIE0 = 1. TIF0 is reset to 0 when TCR
is read and the higher or lower byte of TMDR0 is read. Dur-
ing RESET, TIF0 is cleared to 0.
TIE1: Timer Interrupt Enable 1 (bit 5). When TIE0 is set
to 1, TIF1 = 1 generates a CPU interrupt request. When
TIE0 is reset to 0, the interrupt request is inhibited. During
RESET, TIE0 is cleared to 0.
TOC1, 0: Timer Output Control (bits 3, 2). TOC1 and
TOC0 control the output of PRT1 using the multiplexed
TOUT/DREQ pin as shown in Table 11. During RESET,
TOC1 and TOC0 are cleared to 0. If bit 3 of the IAR1B reg-
ister is 1, the TOUT function is selected. By programming
TOC1 and TOC0, the TOUT/DREQ pin can be forced
High, Low, or toggled when TMDR1 decrements to 0.
Figure 44. Timer Reload Register Low
Timer Reload Data
--
--
--
--
--
--
--
--
76
5
4
3
2
1
--
0
Figure 45. Timer Reload Register Channel
Timer Reload Data
--
--
--
--
--
--
--
--
76
5
4
3
2
1
--
0
Figure 46. Timer Control Register (TCR: I/O Address = 10H)
Bit
TIF1
TIF0
R/W
R/W
R/W
TIE1
76
5
4
3
21
0
TIE0
TOC0
TDE1
TDE0
R
R
R/W
R/W
R/W
TOC1
Table 8. Timer Output Control
TOC1 TOC0
Output
0
0
Inhibited
The TOUT/DREQ pin is not
affected by the PRT.
0
1
Toggled
If bit 3 of IAR1B is 1, the
TOUT/DREQ pin is toggles or
set Low or High as indicated.
10
0
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com