công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8S18006FSC bảng dữ liệu(PDF) 44 Page - Zilog, Inc.

tên linh kiện Z8S18006FSC
Giải thích chi tiết về linh kiện  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8S18006FSC bảng dữ liệu(HTML) 44 Page - Zilog, Inc.

Back Button Z8S18006FSC Datasheet HTML 40Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 41Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 42Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 43Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 44Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 45Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 46Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 47Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 48Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
Z80180/Z8S180/Z8L180
Enhanced Z180 Microprocessor
Zilog
1-44
P R E L I M I N A R Y
DS971800401
Transmit Enable (bit 4). A CSI/O transmit operation is
started by setting TE to 1. When TE is set to 1, the data
clock is enabled. When in internal clock mode, the data
clock is output from the CKS pin. In external clock mode,
the clock is input on the CKS pin. In either case, data is
shifted out on the TXS pin synchronous with the (internal
or external) data clock. After transmitting 8 bits of data, the
CSI/O automatically clears TE to 0, EF is set to 1, and an
interrupt (if enabled by EIE = 1) is generated. TE and RE
are never both set to 1 at the same time. TE is cleared to
0 during RESET and IOSTOP mode.
SS2, 1, 0: Speed Select 2, 1, 0 (bits 2-0). SS2, SS1 and
SS0 select the CSI/O transmit/receive clock source and
speed. SS2, SS1 and SS0 are all set to 1 during RESET.
Table 10 shows CSI/O Baud Rate Selection.
After RESET, the CKS pin is configured as an external
clock input (SS2, SS1, SS0 = 1). Changing these values
causes CKS to become an output pin and the selected
clock is output when transmit or receive operations are en-
abled.
CSI/O Transmit/Receive Data Register
(TRDR: I/O Address = 0BH).
Timer Data Register Channel 0L
TMDR0L
0CH
Timer Data Register Channel 0H
TMDR0H
0D H
Table 7. CSI/O Baud Rate Selection
SS2
SS1
SS0
Divide Ratio
000
÷20
001
÷40
010
÷80
011
÷160
100
÷320
101
÷640
110
÷1280
1
1
1
External Clock Input
(less than
÷20.)
Figure 41. CSI/O Transmit/Receive Data Register 1R
CSI/O T/R Data
--
--
--
--
--
--
--
--
76
5
4
3
2
1
--
0
Figure 42. Timer Register Channel OL
Figure 43. Timer Data Register Channel OH
ASCI Receive Data
--
--
--
--
--
--
--
--
76
5
4
3
2
1
--
0
Timer Data
--
--
--
--
--
--
--
--
76
5
4
3
2
1
--
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com