| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z8S18006FSC bảng dữ liệu(PDF) 29 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8S18006FSC bảng dữ liệu(HTML) 29 Page - Zilog, Inc. |
|
29 / 70 page ![]() Z80180/Z8S180/Z8L180 Zilog Enhanced Z180 Microprocessor DS971800401 P R E L I M I N A R Y 1-29 1 TIMING DIAGRAMS Notes: *1. Output buffer is off at this point. *2. Memory Read/Write Cycle timing are the same as I/O Read/Write Cycle except there are no automatic wait states (TW), and /MREQ is active instead of /IORQ. Figure 20. CPU Timing (Opcode Fetch Cycle, Memory Read Cycle, Memory Write Cycle, I/O Write Cycle, I/O Read Cycle) ø ADDRESS /WAIT /MREQ /IORQ /RD /WR /M1 ST Data IN Data OUT /RESET 11 67 68 62 63 68 67 62 63 15 16 17 10 14 9 22 13 11 28 7 29 7 8 20 19 19 20 11 12 6 9 13 25 11 Opcode fetch Cycle T1 1 2 3 4 5 15 16 21 27 * 1 18 I/O Write Cycle *2 I/O Read Cycle *2 T2 TW T3 T1 T2 TW T3 T1 23 24 |