công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7617BSTZ bảng dữ liệu(PDF) 26 Page - Analog Devices

tên linh kiện AD7617BSTZ
Giải thích chi tiết về linh kiện  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7617BSTZ bảng dữ liệu(HTML) 26 Page - Analog Devices

Back Button AD7617BSTZ Datasheet HTML 22Page - Analog Devices AD7617BSTZ Datasheet HTML 23Page - Analog Devices AD7617BSTZ Datasheet HTML 24Page - Analog Devices AD7617BSTZ Datasheet HTML 25Page - Analog Devices AD7617BSTZ Datasheet HTML 26Page - Analog Devices AD7617BSTZ Datasheet HTML 27Page - Analog Devices AD7617BSTZ Datasheet HTML 28Page - Analog Devices AD7617BSTZ Datasheet HTML 29Page - Analog Devices AD7617BSTZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
Data Sheet
AD7617
Rev. 0 | Page 25 of 51
The AD7617 contains a reference buffer configured to amplify
the reference voltage to ~4.096 V. A 10 μF, X5R ceramic capacitor
is required between REFCAP and REFGND. The reference voltage
available at the REFINOUT pin is 2.5 V. When the AD7617 is
configured in external reference mode, the REFINOUT pin is a
high input impedance pin.
If the internal reference is applied elsewhere within the system,
it must first be buffered externally.
Figure 48. Reference Circuitry
SHUTDOWN MODE
The AD7617 enters shutdown mode by keeping the RESET pin
low for greater than 1.2 µs. When the RESET pin is set from low
to high, the device exits shutdown mode and enters normal
mode.
When the AD7617 is placed in shutdown mode, the current
consumption is typically 48 µA, and the power-up time to perform
a write to the device is approximately 240 µs. Power-up time to
perform a conversion is 15 ms. In shutdown mode, all circuitry
is powered down and all registers are cleared and reset to their
default values.
DIGITAL FILTER
The AD7617 contains an optional digital first-order sinc filter
for use in applications where slower throughput rates are in use
or where higher SNR or dynamic range is desirable.
The OSR of the digital filter is controlled in hardware using the
oversampling pins, OS2 to OS0 (OSx), or in software via the OS
bits within the configuration register.
In software mode, oversampling is enabled for all channels after
the OS bits are set in the configuration register. In hardware
mode, the OSx signals at the time a full reset is released
determine the OSR used.
Table 10 provides the oversampling bit decoding to select the
different oversample rates. In addition to the oversampling
function, the output result is decimated to 14-bit resolution.
If the OSx pins/OS bits are set to select an OS ratio of eight, the
next CONVST rising edge takes the first sample for the selected
channel, and the remaining seven samples for that channel are
taken with an internally generated sampling signal. These samples
are then averaged to yield an improvement in SNR performance.
As the OS ratio increases, the −3 dB frequency is reduced, and
the allowed sampling frequency is also reduced. The conversion
time extends as the oversampling rate is increased, and the BUSY
signal scales with oversampling rates. Acquisition and conversion
time increase linearly with oversampling ratio.
If oversampling is enabled with the sequencer, or in burst mode,
the extra samples are gathered for a given channel before the
sequencer moves on to the next channel.
Table 10 shows the typical SNR performance of the device for
each permissible oversampling ratio. The input tone used was a
1 kHz sine wave for the three input ranges of the device. A plot
of SNR vs. OSR is shown in Figure 49.
Figure 49. Typical SNR vs. OSR for all Analog Input Ranges
Table 10. Oversampling Bit Decoding
OSx Pins/OS Bits
OSR
Typical SNR (dB)
−3 dB Bandwidth (kHz)
±2.5 V Range
±5 V Range
±10 V Range
All Ranges
000
No oversampling
83.8
84.6
84.9
37
001
2
84.2
85.0
85.3
36.5
010
4
84.5
85.2
85.5
35
011
8
84.9
85.5
85.7
30.5
100
16
85.2
85.6
85.8
22
101
32
85.4
85.7
85.8
13.2
110
64
85.4
85.6
85.6
7.2
111
128
84.7
85.1
85.2
3.6
BUF
2.5V
REF
REFINOUT
REFSEL
REFINOUTGND
REFINOUTGND
REFCAP
100nF
10µF
83.0
83.5
84.0
84.5
85.0
85.5
86.0
86.5
87.0
0
10
20
30
40
50
60
OSR
fIN = 1kHz
±2.5V RANGE
±5V RANGE
±10V RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com