công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7617BSTZ bảng dữ liệu(PDF) 36 Page - Analog Devices

tên linh kiện AD7617BSTZ
Giải thích chi tiết về linh kiện  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7617BSTZ bảng dữ liệu(HTML) 36 Page - Analog Devices

Back Button AD7617BSTZ Datasheet HTML 32Page - Analog Devices AD7617BSTZ Datasheet HTML 33Page - Analog Devices AD7617BSTZ Datasheet HTML 34Page - Analog Devices AD7617BSTZ Datasheet HTML 35Page - Analog Devices AD7617BSTZ Datasheet HTML 36Page - Analog Devices AD7617BSTZ Datasheet HTML 37Page - Analog Devices AD7617BSTZ Datasheet HTML 38Page - Analog Devices AD7617BSTZ Datasheet HTML 39Page - Analog Devices AD7617BSTZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
Data Sheet
AD7617
Rev. 0 | Page 35 of 51
Writing Register Data
All the read/write registers in the AD7617 can be written to
over the serial interface. A register write command is performed
by a single 16-bit SPI access. The format for a write command is
shown in Table 16. Bit D15 must be set to 1 to select a write
command. Bits[D14:D9] contain the register address. The
subsequent nine bits (Bits[D8:D0]) contain the data to be
written to the selected register. Figure 60 shows a typical serial
interface register write command.
Reading Register Data
All the registers in the device can be read over the serial
interface. A register read is performed by issuing a register read
command followed by an additional SPI command that can be
either a valid command or no operation (NOP). The format for
a read command is shown in Table 17. Bit D15 must be set to 0
to select a read command. Bits[D14:D9] contain the register
address. The subsequent nine bits (Bits[D8:D0]) are ignored.
See the Register Summary section for the complete list of register
addresses. Figure 61 shows a typical serial interface register read
command.
Figure 60. Serial Interface Register Write
Figure 61. Serial Interface Register Read
Table 16. Write Command Message Configuration
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
W/R
REGADDR[5:0]
Data[8:0]
1
Register address
Data to write
Table 17. Read Command Message Configuration
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
W/R
REGADDR[5:0]
Data[8:0]
0
Register address
Do not care
CONVST
CS
WRITE REG 1
WRITE REG 2
WRITE REG 3
SDI
CONV RESULT
INVALID
INVALID
SDOA, SDOB
CONVST
CS
READ REG 1
READ REG 2
READ REG 3
SDI
CONV RESULT
REG 1 DATA
REG 2 DATA
SDOA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com