công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7617BSTZ bảng dữ liệu(PDF) 40 Page - Analog Devices

tên linh kiện AD7617BSTZ
Giải thích chi tiết về linh kiện  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7617BSTZ bảng dữ liệu(HTML) 40 Page - Analog Devices

Back Button AD7617BSTZ Datasheet HTML 36Page - Analog Devices AD7617BSTZ Datasheet HTML 37Page - Analog Devices AD7617BSTZ Datasheet HTML 38Page - Analog Devices AD7617BSTZ Datasheet HTML 39Page - Analog Devices AD7617BSTZ Datasheet HTML 40Page - Analog Devices AD7617BSTZ Datasheet HTML 41Page - Analog Devices AD7617BSTZ Datasheet HTML 42Page - Analog Devices AD7617BSTZ Datasheet HTML 43Page - Analog Devices AD7617BSTZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
AD7617
Data Sheet
Rev. 0 | Page 39 of 51
DIAGNOSTICS
DIAGNOSTIC CHANNELS
In addition to the 16 analog inputs, VxA and VxB, the AD7617
can also convert the following diagnostic channels: VCC and the
ALDO voltage. The diagnostic channels are selected for
conversion by programming the channel register (see the Channel
Register section) to the corresponding channel identifier. Diagnos-
tic channels can also be added to the sequencer stack in software
mode but only provide an accurate reading at throughput rates
<250 kSPS. See Figure 66 for a plot of the deviation from
expected value vs. sampling frequency that can be expected
when using the diagnostic channels.
The expected output for each channel is governed by the
following transfer functions:


REF
REF
CC
CC
V
V
V
Code
V
5
768
,
32
–
4
 

REF
REF
ALDO
V
V
V
Code
LDO
10
768
,
32
7
–
10
Figure 66. Deviation from Expected Value vs. Sampling Frequency
Figure 67. VCC Diagnostic Transfer Function
Figure 68. ALDO Diagnostic Transfer Function
INTERFACE SELF TEST
It is possible to test the integrity of the digital interface by
selecting the communication self test channel in the channel
register (see the Channel Register section).
Selecting the communication self test for conversion forces
the conversion result register to a known fixed output. When
conversion code is read, Code 0x2AAA is output as the conversion
code of ADC A, and Code 0x1555 is output as the conversion code
of ADC B.
CRC
The AD7617 has a cyclic redundancy check (CRC) checksum
mode to improve interface robustness by detecting errors in data.
The CRC feature is available in both software (serial and parallel)
mode and hardware (serial only) mode. The CRC feature is not
available in hardware parallel mode. The CRC result is contained
within the status register. Enabling the CRC feature enables the
status register and vice versa.
In hardware mode, the CRCEN pin controls the CRC feature.
The CRC feature is enabled or disabled when the AD7617 is
released from full reset. The logic level of the CRCEN pin when
the RESET pin is released determines whether the CRC feature is
enabled or disabled. Set the CRCEN pin to 1 to enable the CRC
feature. After the RESET pin is released, the function is fixed
and a full reset via the RESET pin is required to exit the function
and set up an alternative configuration. See the Reset Functionality
section for additional information. After being enabled, the CRC
result is appended to the conversion result and consists of a 16-bit
word, where the first eight bits contain the channel ID of the
last channel pair converted and the last eight bits are the CRC
result. The result is accessed via an extra read command, as
shown in Figure 69.
In software mode, the CRC function is enabled by setting either
the CRCEN bit or the STATUSEN bit in the configuration
register to 1 (see the Status Register section).
750
–750
–500
–250
0
250
500
0600
500
400
300
200
100
SAMPLING FREQUENCY (kSPS)
ALDO ERROR
VCC ERROR
29000
22000
23000
24500
26000
28000
25000
27000
4.50
4.75
5.00
5.50
5.25
VCC (V)
–9000
–8800
–8600
–8400
–8200
–8000
–7800
–7600
–7400
–7200
1.75
1.80
1.85
1.90
1.95
ALDO (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com