công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7617BSTZ bảng dữ liệu(PDF) 15 Page - Analog Devices

tên linh kiện AD7617BSTZ
Giải thích chi tiết về linh kiện  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7617BSTZ bảng dữ liệu(HTML) 15 Page - Analog Devices

Back Button AD7617BSTZ Datasheet HTML 11Page - Analog Devices AD7617BSTZ Datasheet HTML 12Page - Analog Devices AD7617BSTZ Datasheet HTML 13Page - Analog Devices AD7617BSTZ Datasheet HTML 14Page - Analog Devices AD7617BSTZ Datasheet HTML 15Page - Analog Devices AD7617BSTZ Datasheet HTML 16Page - Analog Devices AD7617BSTZ Datasheet HTML 17Page - Analog Devices AD7617BSTZ Datasheet HTML 18Page - Analog Devices AD7617BSTZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
AD7617
Data Sheet
Rev. 0 | Page 14 of 51
Pin No.
Type1
Mnemonic2
Description
62
DI
SCLK/RD
Serial Clock Input/Parallel Data Read Control Input. In serial mode, this pin acts as the serial
clock input for data transfers. The CS falling edge takes the SDOA and SDOB data output lines
out of three-state and clocks out the MSB of the conversion result. The rising edge of SCLK
clocks all subsequent data bits onto the SDOA and SDOB serial data outputs.
When both CS and RD are logic low in parallel mode, the output bus is enabled.
63
DI
CS
Chip Select. This active low logic input frames the data transfer.
In parallel mode, when both CS and RD are logic low, the DBx output bus is enabled, and the
conversion result is output on the parallel data bus lines.
In serial mode, CS frames the serial read transfer and clocks out the MSB of the serial output data.
64, 65, 66
DI
CHSEL0, CHSEL1,
CHSEL2
Channel Selection Input 0 to Input 2. In hardware mode, these inputs select the input
channels for the next conversion in Channel Group A and Channel Group B. For example,
CHSELx = 0x000 selects V0A and V0B for the next conversion; CHSELx = 0x001 selects V1A and
V1B for the next conversion.
In software mode, these pins must be connected to DGND.
67
DO
BUSY
Busy Output. This pin transitions to a logic high after a CONVST rising edge and indicates that
the conversion process started. The BUSY output remains high until the conversion process
for the current selected channels completes. The falling edge of BUSY signals that the
conversion data is being latched into the output data registers and is available to read. Data
must be read after BUSY returns to low. Rising edges on CONVST have no effect while the
BUSY signal is high.
68
DI
CONVST
Conversion Start Input for Channel Group A and Channel Group B. This logic input initiates
conversions on the analog input channels.
A conversion initiates when CONVST transitions from low to high for the selected analog
input pair. When burst mode and oversampling mode are disabled, every CONVST transition
from low to high converts one channel pair. In sequencer mode, when burst mode or
oversampling is enabled, a single CONVST transition from low to high is necessary to perform
the required number of conversions.
69
CAP
REGGND
Internal Analog Regulator Ground. This pin must connect to the AGND plane of a system.
70
CAP
REGCAP
Decoupling Capacitor Pin for Voltage Output from Internal Analog Regulator. Decouple this
output pin separately to REGGND using a 10 μF capacitor. The voltage at this pin is 1.87 V
typical.
73
AI
V0B
Analog Input for Channel 0, ADC B.
74
AI GND
V0BGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V0B.
75
AI
V1B
Analog Input for Channel 1, ADC B.
76
AI GND
V1BGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V1B.
77
AI
V2B
Analog Input for Channel 2, ADC B.
78
AI GND
V2BGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V2B.
79
AI
V3B
Analog Input for Channel 3, ADC B.
80
AI GND
V3BGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V3B.
1
AI is analog input, GND is ground, P is power supply, CAP is decoupling capacitor pin, REF is reference input/output, DI is digital input, and DO is digital output.
2
Note that throughout this data sheet, multifunction pins, such as SER/PAR, are referred to either by the entire pin name or by a single function of the pin, for example,
SER, when only that function is relevant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com