| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACEX1 bảng dữ liệu(PDF) 75 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ACEX1 bảng dữ liệu(HTML) 75 Page - List of Unclassifed Manufacturers |
|
75 / 86 page ![]() Altera Corporation 75 ACEX 1K Programmable Logic Device Family Data Sheet 13 Notes to tables: (1) All timing parameters are described in Tables 22 through 29. (2) This parameter is measured without use of the ClockLock or ClockBoost circuits. (3) This parameter is measured with use of the ClockLock or ClockBoost circuits Table 50. EP1K50 External Bidirectional Timing Parameters Note (1) Symbol Speed Grade Unit -1 -2 -3 Min Max Min Max Min Max tINSUBIDIR (2) 2.7 3.2 4.3 ns tINHBIDIR (2) 0.0 0.0 0.0 ns tINSUBIDIR (3) 3.7 4.2 – ns tINHBIDIR (3) 0.0 0.0 – ns tOUTCOBIDIR (2) 2.0 4.5 2.0 5.2 2.0 7.3 ns tXZBIDIR (2) 6.8 7.8 10.1 ns tZXBIDIR (2) 6.8 7.8 10.1 ns tOUTCOBIDIR (3) 0.5 3.5 0.5 4.2 –– tXZBIDIR (3) 6.8 8.4 – ns tZXBIDIR (3) 6.8 8.4 – ns |