| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM6431 bảng dữ liệu(PDF) 103 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6431 bảng dữ liệu(HTML) 103 Page - Texas Instruments |
|
103 / 227 page ![]() TMS320DM6431 Digital Media Processor www.ti.com SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008 Table 3-40. EMIFA/VPSS Sub-Block 0 Configuration Choice B(1) MAJOR MINOR PINMUX SELECTION FIELDS RESULTING PERIPHERALS/PINS CONFIG CONFIG AEM AEAW OTHERS EMIFA VPFE # GPIO PINS OPTION OPTION 8-bit EMIFA (Async) Pinout Config Summary No CCDC 11 GP pins mode 1 w/ EM_A[21:0] Basic Pins You Get EM_A[18:13] - B B1 001 100 CCDCSEL = 0 - 0 = GP[54, 43:36] HVDSEL = 0 - 0 = GP[53:52] - CWENSEL = 0 0 = EM_R/W - CFLDSEL = 0 0 = EM_A21 - CI10SEL = 0 0 = EM_A[19:20] - 8-bit EMIFA (Async) Pinout Config Summary 8-to-10-bit CCDC 6-to-10 GP pins mode 1 w/ EM_A[12:0] only Basic Pins You Get - - GP[51:46] CCDCSEL = 1 - 1 = PCLK, YI[7:0] - B B2 001 000 HVDSEL = 0,1 - 1 = VD, HD 0 = GP[53:52] CWENSEL = 0 0 = EM_R/W - - 0 = EM_A21 CFLDSEL = 0,1 1 = C_FIELD - (not used) CI10SEL = 0,1 - 1 = CI[1:0] 0 = GP[45:44] 8-bit EMIFA (Async) Pinout Config Summary 8-to-10-bit CCDC 4-to-8 GP pins mode 1 w/ EM_A[14:0] only Basic Pins You Get EM_A[13:14] - GP[49:46] CCDCSEL = 1 - 1 = PCLK, YI[7:0] - B B3 001 001 HVDSEL = 0,1 - 1 = VD, HD 0 = GP[53:52] CWENSEL = 0 0 = EM_R/W - - 0 = EM_A21 CFLDSEL = 0,1 1 = C_FIELD - (not used) CI10SEL = 0,1 - 1 = CI[1:0] 0 = GP[45:44] 8-bit EMIFA (Async) Pinout Config Summary 8-to-10-bit CCDC 2-to-6 GP pins mode 1 w/ EM_A[16:0] only Basic Pins You Get EM_A[16:13] - GP[47:46] CCDCSEL = 1 - 1 = PCLK, YI[7:0] - B B4 001 010 HVDSEL = 0,1 - 1 = VD, HD 0 = GP[53:52] CWENSEL = 0 0 = EM_R/W - - 0 = EM_A21 CFLDSEL = 0,1 1 = C_FIELD - (not used) CI10SEL = 0,1 - 1 = CI[1:0] 0 = GP[45:44] (1) Italics indicate mandatory settings for a given Minor Configuration option. Submit Documentation Feedback Device Configurations 103 |