công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADLF bảng dữ liệu(PDF) 31 Page - Renesas Technology Corp

tên linh kiện R5F51116ADLF
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADLF bảng dữ liệu(HTML) 31 Page - Renesas Technology Corp

Back Button R5F51116ADLF Datasheet HTML 27Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 28Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 29Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 30Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 31Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 32Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 33Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 34Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 31 of 127
May 31, 2016
RX111 Group
4. I/O Registers
4.
I/O Registers
This section provides information on the on-chip I/O register addresses and bit configuration. The information is given as
shown below. Notes on writing to I/O registers are also given below.
(1)
I/O register addresses (address order)
 Registers are listed from the lower allocation addresses.
 Registers are classified according to module symbols.
 Numbers of cycles for access indicate numbers of cycles of the given base clock.
 Among the internal I/O register area, addresses not listed in the list of registers are reserved. Reserved addresses
must not be accessed. Do not access these addresses; otherwise, the operation when accessing these bits and
subsequent operations cannot be guaranteed.
(2)
Notes on writing to I/O registers
While writing to an I/O register, the CPU starts executing subsequent instructions before the I/O register write access is
completed. This may cause the subsequent instructions to be executed before the write value is reflected in the operation.
The examples below show how subsequent instructions must be executed after a write access to an I/O register is
completed.
[Examples of cases requiring special care]
 The subsequent instruction must be executed while an interrupt request is disabled with the IENj bit in IERn of the
ICU (interrupt request enable bit) set to 0.
 A WAIT instruction is executed immediately after the preprocessing for causing a transition to the low power
consumption state.
In the above cases, after writing to an I/O register, wait until the write operation is completed using the following
procedure and then execute the subsequent instruction.
(a)
Write to an I/O register.
(b)
Read the value in the I/O register and write it to a general register.
(c)
Execute the operation using the value read.
(d)
Execute the subsequent instruction.
Example of instructions
 Byte-size I/O registers
MOV.L #SFR_ADDR, R1
MOV.B #SFR_DATA, [R1]
CMP
[R1].UB, R1
;; Next process
 Word-size I/O registers
MOV.L #SFR_ADDR, R1
MOV.W #SFR_DATA, [R1]
CMP
[R1].W, R1
;; Next process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com