công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADLF bảng dữ liệu(PDF) 86 Page - Renesas Technology Corp

tên linh kiện R5F51116ADLF
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADLF bảng dữ liệu(HTML) 86 Page - Renesas Technology Corp

Back Button R5F51116ADLF Datasheet HTML 82Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 83Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 84Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 85Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 86Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 87Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 88Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 89Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 86 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
5.3.5
Timing of On-Chip Peripheral Modules
Note 1. tPcyc: PCLK cycle
Note 2. tcac: CAC count clock source cycle
Note 3. When the LOCO is selected as the clock output source (CKOCR.CKOSEL[2:0] bits = 000b), set the clock output division ratio
selection to divided by 2 (CKOCR.CKODIV[2:0] bits = 001b).
Note 4. When the XTAL external clock input or an oscillator is used with divided by 1 (CKOCR.CKOSEL[2:0] bits = 010b and
CKOCR.CKODIV[2:0] bits = 000b) to output from CLKOUT, the above should be satisfied with an input duty cycle of 45 to 55%.
Table 5.32
Timing of On-Chip Peripheral Modules (1)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Max.
Unit*1
Test
Conditions
I/O ports
Input data pulse width
tPRW
1.5
—
tPcyc
Figure 5.38
MTU2
Input capture input pulse width
Single-edge setting
tTICW
1.5
—
tPcyc
Figure 5.39
Both-edge setting
2.5
—
Timer clock pulse width
Single-edge setting
tTCKWH,
tTCKWL
1.5
—
tPcyc
Figure 5.40
Both-edge setting
2.5
—
Phase counting mode
2.5
—
POE
POE# input pulse width
tPOEW
1.5
—
tPcyc
Figure 5.41
SCI
Input clock cycle
Asynchronous
tScyc
4—
tPcyc
Figure 5.42
Clock synchronous
6
—
Input clock pulse width
tSCKW
0.4
0.6
tScyc
Input clock rise time
tSCKr
—20
ns
Input clock fall time
tSCKf
—20
ns
Output clock cycle
Asynchronous
tScyc
16
—
tPcyc
Figure 5.43
C = 30 pF
Clock synchronous
4
—
Output clock pulse width
tSCKW
0.4
0.6
tScyc
Output clock rise time
tSCKr
—20
ns
Output clock fall time
tSCKf
—20
ns
Transmit data delay time
(master)
Clock synchronous
tTXD
—40
ns
Transmit data delay time
(slave)
Clock
synchronous
2.7 V or above
—
65
ns
1.8 V or above
—
100
ns
Receive data setup time
(master)
Clock
synchronous
2.7 V or above
tRXS
65
—
ns
1.8 V or above
90
—
ns
Receive data setup time
(slave)
Clock synchronous
40
—
ns
Receive data hold time
Clock synchronous
tRXH
40
—
ns
A/D
converter
Trigger input pulse width
tTRGW
1.5
—
tPcyc
Figure 5.44
CAC
CACREF input pulse width
tPcyc ≤ tcac*2
tCACREF 4.5 tcac + 3 tPcyc
—ns
tPcyc > tcac*2
5 tcac + 6.5 tPcyc
CLKOUT
CLKOUT pin output cycle*4
VCC = 2.7 V or above
tCcyc
125
—
ns
VCC = 1.8 V or above
250
CLKOUT pin high pulse width*3
VCC = 2.7 V or above
tCH
35
—
ns
VCC = 1.8 V or above
70
CLKOUT pin low pulse width*3
VCC = 2.7 V or above
tCL
35
—
ns
VCC = 1.8 V or above
70
CLKOUT pin output rise time
VCC = 2.7 V or above
tCr
—15
ns
VCC = 1.8 V or above
30
CLKOUT pin output fall time
VCC = 2.7 V or above
tCf
—15
ns
VCC = 1.8 V or above
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com