công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADLF bảng dữ liệu(PDF) 48 Page - Renesas Technology Corp

tên linh kiện R5F51116ADLF
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADLF bảng dữ liệu(HTML) 48 Page - Renesas Technology Corp

Back Button R5F51116ADLF Datasheet HTML 44Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 45Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 46Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 47Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 48Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 49Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 50Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 51Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 48 of 127
May 31, 2016
RX111 Group
4. I/O Registers
Note 1. Odd addresses cannot be accessed in 16-bit units. When accessing a register in 16-bit units, access the address of the
TMOCNTL register. Table 27.6 lists register allocation for 16-bit access in the User’s Manual: Hardware.
000A 0098h
USB0
PIPE3 Transaction Counter Enable Register
PIPE3TRE
16
16
9 PCLKB or more
000A 009Ah
USB0
PIPE3 Transaction Counter Register
PIPE3TRN
16
16
9 PCLKB or more
000A 009Ch
USB0
PIPE4 Transaction Counter Enable Register
PIPE4TRE
16
16
9 PCLKB or more
000A 009Eh
USB0
PIPE4 Transaction Counter Register
PIPE4TRN
16
16
9 PCLKB or more
000A 00A0h
USB0
PIPE5 Transaction Counter Enable Register
PIPE5TRE
16
16
9 PCLKB or more
000A 00A2h
USB0
PIPE5 Transaction Counter Register
PIPE5TRN
16
16
9 PCLKB or more
000A 00B0h
USB0
BC Control Register 0
USBBCCTRL0
16
16
9 PCLKB or more
000A 00CCh
USB0
USB Module Control Register
USBMC
16
16
9 PCLKB or more
000A 00D0h
USB0
Device Address 0 Configuration Register
DEVADD0
16
16
9 PCLKB or more
000A 00D2h
USB0
Device Address 1 Configuration Register
DEVADD1
16
16
9 PCLKB or more
000A 00D4h
USB0
Device Address 2 Configuration Register
DEVADD2
16
16
9 PCLKB or more
000A 00D6h
USB0
Device Address 3 Configuration Register
DEVADD3
16
16
9 PCLKB or more
000A 00D8h
USB0
Device Address 4 Configuration Register
DEVADD4
16
16
9 PCLKB or more
000A 00DAh
USB0
Device Address 5 Configuration Register
DEVADD5
16
16
9 PCLKB or more
007F C090h
FLASH
E2 DataFlash Control Register
DFLCTL
8
8
2 or 3 FCLK
007F C0ACh
TEMPS
Temperature Sensor Calibration Data Register
TSCDRL
8
8
1 or 2 PCLKB
007F C0ADh
TEMPS
Temperature Sensor Calibration Data Register
TSCDRH
8
8
1 or 2 PCLKB
007F C0B0h
FLASH
Flash Start-Up Setting Monitor Register
FSCMR
16
16
2 or 3 FCLK
007F C0B2h
FLASH
Flash Access Window Start Address Monitor
FAWSMR
16
16
2 or 3 FCLK
007F C0B4h
FLASH
Flash Access Window End Address Monitor Register
FAWEMR
16
16
2 or 3 FCLK
007F C0B6h
FLASH
Flash Initial Setting Register
FISR
8
8
2 or 3 FCLK
007F C0B7h
FLASH
Flash Extra Area Control Register
FEXCR
8
8
2 or 3 FCLK
007F C0B8h
FLASH
Flash Error Address Monitor Register L
FEAML
16
16
2 or 3 FCLK
007F C0BAh
FLASH
Flash Error Address Monitor Register H
FEAMH
8
8
2 or 3 FCLK
007F C0C0h
FLASH
Protection Unlock Register
FPR
8
8
2 or 3 FCLK
007F C0C1h
FLASH
Protection Unlock Status Register
FPSR
8
8
2 or 3 FCLK
007F C0C2h
FLASH
Flash Read Buffer Register L
FRBL
16
16
2 or 3 FCLK
007F C0C4h
FLASH
Flash Read Buffer Register H
FRBH
16
16
2 or 3 FCLK
007F FF80h
FLASH
Flash P/E Mode Control Register
FPMCR
8
8
2 or 3 FCLK
007F FF81h
FLASH
Flash Area Select Register
FASR
8
8
2 or 3 FCLK
007F FF82h
FLASH
Flash Processing Start Address Register L
FSARL
16
16
2 or 3 FCLK
007F FF84h
FLASH
Flash Processing Start Address Register H
FSARH
8
8
2 or 3 FCLK
007F FF85h
FLASH
Flash Control Register
FCR
8
8
2 or 3 FCLK
007F FF86h
FLASH
Flash Processing End Address Register L
FEARL
16
16
2 or 3 FCLK
007F FF88h
FLASH
Flash Processing End Address Register H
FEARH
8
8
2 or 3 FCLK
007F FF89h
FLASH
Flash Reset Register
FRESETR
8
8
2 or 3 FCLK
007F FF8Ah
FLASH
Flash Status Register 0
FSTATR0
8
8
2 or 3 FCLK
007F FF8Bh
FLASH
Flash Status Register 1
FSTATR1
8
8
2 or 3 FCLK
007F FF8Ch
FLASH
Flash Write Buffer Register L
FWBL
16
16
2 or 3 FCLK
007F FF8Eh
FLASH
Flash Write Buffer Register H
FWBH
16
16
2 or 3 FCLK
007F FFB2h
FLASH
Flash P/E Mode Entry Register
FENTRYR
16
16
2 or 3 FCLK
Table 4.1
List of I/O Registers (Address Order) (16/16)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access
States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com