công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADLF bảng dữ liệu(PDF) 33 Page - Renesas Technology Corp

tên linh kiện R5F51116ADLF
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADLF bảng dữ liệu(HTML) 33 Page - Renesas Technology Corp

Back Button R5F51116ADLF Datasheet HTML 29Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 30Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 31Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 32Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 33Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 34Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 35Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 36Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 33 of 127
May 31, 2016
RX111 Group
4. I/O Registers
4.1
I/O Register Addresses (Address Order)
Table 4.1
List of I/O Registers (Address Order) (1/16)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access
States
0008 0000h
SYSTEM
Mode Monitor Register
MDMONR
16
16
3 ICLK
0008 0008h
SYSTEM
System Control Register 1
SYSCR1
16
16
3 ICLK
0008 000Ch
SYSTEM
Standby Control Register
SBYCR
16
16
3 ICLK
0008 0010h
SYSTEM
Module Stop Control Register A
MSTPCRA
32
32
3 ICLK
0008 0014h
SYSTEM
Module Stop Control Register B
MSTPCRB
32
32
3 ICLK
0008 0018h
SYSTEM
Module Stop Control Register C
MSTPCRC
32
32
3 ICLK
0008 0020h
SYSTEM
System Clock Control Register
SCKCR
32
32
3 ICLK
0008 0026h
SYSTEM
System Clock Control Register 3
SCKCR3
16
16
3 ICLK
0008 0028h
SYSTEM
PLL Control Register
PLLCR
16
16
3 ICLK
0008 002Ah
SYSTEM
PLL Control Register 2
PLLCR2
8
8
3 ICLK
0008 0032h
SYSTEM
Main Clock Oscillator Control Register
MOSCCR
8
8
3 ICLK
0008 0033h
SYSTEM
Sub-Clock Oscillator Control Register
SOSCCR
8
8
3 ICLK
0008 0034h
SYSTEM
Low-Speed On-Chip Oscillator Control Register
LOCOCR
8
8
3 ICLK
0008 0035h
SYSTEM
IWDT-Dedicated On-Chip Oscillator Control Register
ILOCOCR
8
8
3 ICLK
0008 0036h
SYSTEM
High-Speed On-Chip Oscillator Control Register
HOCOCR
8
8
3 ICLK
0008 003Ch
SYSTEM
Oscillation Stabilization Flag Register
OSCOVFSR
8
8
3 ICLK
0008 003Eh
SYSTEM
CLKOUT Output Control Register
CKOCR
16
16
3 ICLK
0008 0040h
SYSTEM
Oscillation Stop Detection Control Register
OSTDCR
8
8
3 ICLK
0008 0041h
SYSTEM
Oscillation Stop Detection Status Register
OSTDSR
8
8
3 ICLK
0008 00A0h
SYSTEM
Operating Power Control Register
OPCCR
8
8
3 ICLK
0008 00A1h
SYSTEM
Sleep Mode Return Clock Source Switching Register
RSTCKCR
8
8
3 ICLK
0008 00A2h
SYSTEM
Main Clock Oscillator Wait Control Register
MOSCWTCR
8
8
3 ICLK
0008 00A5h
SYSTEM
High-Speed On-Chip Oscillator Wait Control Register
HOCOWTCR
8
8
3 ICLK
0008 00AAh
SYSTEM
Sub Operating Power Control Register
SOPCCR
8
8
3 ICLK
0008 00C0h
SYSTEM
Reset Status Register 2
RSTSR2
8
8
3 ICLK
0008 00C2h
SYSTEM
Software Reset Register
SWRR
16
16
3 ICLK
0008 00E0h
SYSTEM
Voltage Monitoring 1 Circuit Control Register 1
LVD1CR1
8
8
3 ICLK
0008 00E1h
SYSTEM
Voltage Monitoring 1 Circuit Status Register
LVD1SR
8
8
3 ICLK
0008 00E2h
SYSTEM
Voltage Monitoring 2 Circuit Control Register 1
LVD2CR1
8
8
3 ICLK
0008 00E3h
SYSTEM
Voltage Monitoring 2 Circuit Status Register
LVD2SR
8
8
3 ICLK
0008 03FEh
SYSTEM
Protect Register
PRCR
16
16
3 ICLK
0008 1300h
BSC
Bus Error Status Clear Register
BERCLR
8
8
2 ICLK
0008 1304h
BSC
Bus Error Monitoring Enable Register
BEREN
8
8
2 ICLK
0008 1308h
BSC
Bus Error Status Register 1
BERSR1
8
8
2 ICLK
0008 130Ah
BSC
Bus Error Status Register 2
BERSR2
16
16
2 ICLK
0008 1310h
BSC
Bus Priority Control Register
BUSPRI
16
16
2 ICLK
0008 2400h
DTC
DTC Control Register
DTCCR
8
8
2 ICLK
0008 2404h
DTC
DTC Vector Base Register
DTCVBR
32
32
2 ICLK
0008 2408h
DTC
DTC Address Mode Register
DTCADMOD
8
8
2 ICLK
0008 240Ch
DTC
DTC Module Start Register
DTCST
8
8
2 ICLK
0008 240Eh
DTC
DTC Status Register
DTCSTS
16
16
2 ICLK
0008 7010h
ICU
Interrupt Request Register 016
IR016
8
8
2 ICLK
0008 701Bh
ICU
Interrupt Request Register 027
IR027
8
8
2 ICLK
0008 701Ch
ICU
Interrupt Request Register 028
IR028
8
8
2 ICLK
0008 701Dh
ICU
Interrupt Request Register 029
IR029
8
8
2 ICLK
0008 7020h
ICU
Interrupt Request Register 032
IR032
8
8
2 ICLK
0008 7021h
ICU
Interrupt Request Register 033
IR033
8
8
2 ICLK
0008 7022h
ICU
Interrupt Request Register 034
IR034
8
8
2 ICLK
0008 7024h
ICU
Interrupt Request Register 036
IR036
8
8
2 ICLK
0008 7025h
ICU
Interrupt Request Register 037
IR037
8
8
2 ICLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com