công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C875KC bảng dữ liệu(PDF) 25 Page - Advanced Micro Devices

tên linh kiện AM79C875KC
Giải thích chi tiết về linh kiện  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875KC bảng dữ liệu(HTML) 25 Page - Advanced Micro Devices

Back Button AM79C875KC Datasheet HTML 21Page - Advanced Micro Devices AM79C875KC Datasheet HTML 22Page - Advanced Micro Devices AM79C875KC Datasheet HTML 23Page - Advanced Micro Devices AM79C875KC Datasheet HTML 24Page - Advanced Micro Devices AM79C875KC Datasheet HTML 25Page - Advanced Micro Devices AM79C875KC Datasheet HTML 26Page - Advanced Micro Devices AM79C875KC Datasheet HTML 27Page - Advanced Micro Devices AM79C875KC Datasheet HTML 28Page - Advanced Micro Devices AM79C875KC Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Am79C875
25
The Physical Address of the PHY is set using the pins
defined as PHYAD[4:2]. These input signals are
strapped externally and sampled as reset is negated.
The PHYAD[1:0] will be decoded by the NetPHY™ 4LP
device to address its internal four PHY channels.
All registers are available on a per port basis.
Table 6. Legend for Register Tables
Type
Description
RW
Readable and writable
SC
Self Clearing
LL
Latch low until clear
RO
Read Only
RC
Cleared on the read operation
LH
Latch high until clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48