| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA559BW bảng dữ liệu(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA559BW bảng dữ liệu(HTML) 37 Page - STMicroelectronics |
|
37 / 67 page ![]() DocID18190 Rev 2 37/67 STA559BW Register description 67 2.1 channels, two half-bridges + one full-bridge (OCFG = 01) Mapping: FFX1A -> OUT1A FFX2A -> OUT1B FFX3A -> OUT2A FFX3B -> OUT2B FFX1A -> OUT3A FFX1B -> OUT3B FFX2A -> OUT4A FFX2B -> OUT4B Modulation: FFX1A/1B configured as binary FFX2A/2B configured as binary FFX3A/3B configured as binary FFX4A/4B configured as binary In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT3/OUT4 channels the channel 1 and channel 2 PWM are replicated. In this configuration the PWM slot phase is the following as shown in Figure 15. Figure 15. 2.1 channels (OCFG = 01) PWM slots OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B |