| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7LITEUS2 bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITEUS2 bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 136 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) List of figures ST7LITEUS2, ST7LITEUS5 10/136 Figure 48. Two typical applications with unused I/O pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108 Figure 49. Typical IPU vs. VDD with VIN=VSSl. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109 Figure 50. Typical VOL at VDD = 2.4 V (standard pins) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110 Figure 51. Typical VOL at VDD = 3 V (standard pins) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110 Figure 52. Typical VOL at VDD = 5 V (standard pins) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110 Figure 53. Typical VOL at VDD = 2.4 V (HS pins) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 111 Figure 54. Typical VOL at VDD = 3 V (HS pins) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 111 Figure 55. Typical VOL at VDD = 5 V (HS pins) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 111 Figure 56. Typical VDD-VOH at VDD = 2.4 V (HS pins) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112 Figure 57. Typical VDD-VOH at VDD = 3 V (HS pins). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112 Figure 58. Typical VDD-VOH at VDD = 5 V (HS pins). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112 Figure 59. Typical VOL vs. VDD (HS pins) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 113 Figure 60. Typical VDD-VOH vs. VDD (HS pins). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 113 Figure 61. RESET pin protection when LVD is enabled . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 114 Figure 62. RESET pin protection when LVD is disabled . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115 Figure 63. Typical application with ADC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 116 Figure 64. ADC accuracy characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 117 Figure 65. 8-lead very thin fine pitch dual flat no-lead package outline . . . . . . . . . . . . . . . . . . . . . . . 118 Figure 66. 8-pin plastic small outline package, 150-mil width package outline . . . . . . . . . . . . . . . . . 119 Figure 67. 8-pin plastic dual in-line package, 300-mil width package outline . . . . . . . . . . . . . . . . . . 120 Figure 68. 16-pin plastic dual in-line package, 300-mil width, package outline . . . . . . . . . . . . . . . . . 121 Figure 69. Option list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 127 Obsolete Product(s) - Obsolete Product(s) |