công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LQFP144 bảng dữ liệu(PDF) 8 Page - STMicroelectronics

tên linh kiện LQFP144
Giải thích chi tiết về linh kiện  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP144 bảng dữ liệu(HTML) 8 Page - STMicroelectronics

Back Button LQFP144 Datasheet HTML 4Page - STMicroelectronics LQFP144 Datasheet HTML 5Page - STMicroelectronics LQFP144 Datasheet HTML 6Page - STMicroelectronics LQFP144 Datasheet HTML 7Page - STMicroelectronics LQFP144 Datasheet HTML 8Page - STMicroelectronics LQFP144 Datasheet HTML 9Page - STMicroelectronics LQFP144 Datasheet HTML 10Page - STMicroelectronics LQFP144 Datasheet HTML 11Page - STMicroelectronics LQFP144 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 112 page
background image
Introduction
SPC560P44Lx, SPC560P50Lx
8/112
Doc ID 14723 Rev 9
SPC560P44Lx, SPC560P50Lx is available in two configurations having different features:
full-featured and airbag. Table 3 shows the main differences between the two versions.
eDMA (enhanced direct memory access)
channels
16
FlexRay
Yes(1)
FlexCAN (controller area network)
2(2),(3)
Safety port
Yes (via second FlexCAN module)
FCU (fault collection unit)
Yes
CTU (cross triggering unit)
Yes
eTimer
2 (16-bit, 6 channels)
FlexPWM (pulse-width modulation) channels
8 (capturing on X-channels)
ADC (analog-to-digital converter)
2 (10-bit, 15-channel(4))
LINFlex
2
DSPI (deserial serial peripheral interface)
4
CRC (cyclic redundancy check) unit
Yes
JTAG controller
Yes
Nexus port controller (NPC)
Yes (Level 2+)
Supply
Digital power supply(5)
3.3 V or 5 V single supply with external transistor
Analog power supply
3.3 V or 5 V
Internal RC oscillator
16 MHz
External crystal oscillator
4–40 MHz
Packages
LQFP100
LQFP144
Temperature
Standard ambient temperature
–40 to 125 °C
1.
32 message buffers, selectable single or dual channel support
2.
Each FlexCAN module has 32 message buffers.
3.
One FlexCAN module can act as a Safety Port with a bit rate as high as 7.5 Mbit/s.
4.
Four channels shared between the two ADCs
5.
The different supply voltages vary according to the part number ordered.
Table 2.
SPC560P44Lx, SPC560P50Lx device comparison (continued)
Feature
SPC560P44
SPC560P50
Table 3.
SPC560P44Lx, SPC560P50Lx device configuration differences
Feature
Full-featured
Airbag
CTU (cross triggering unit)
Yes
No
FlexPWM
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com