| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LQFP144 bảng dữ liệu(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LQFP144 bảng dữ liệu(HTML) 60 Page - STMicroelectronics |
|
60 / 112 page ![]() Electrical characteristics SPC560P44Lx, SPC560P50Lx 60/112 Doc ID 14723 Rev 9 LReg, see Table 17. Note: The voltage regulator output cannot be used to drive external circuits. Output pins are used only for decoupling capacitances. VDD_LV_COR must be generated using internal regulator and external NPN transistor. It is not possible to provide VDD_LV_COR through external regulator. For the SPC560P44Lx, SPC560P50Lx microcontroller, capacitors, with total values not below CDEC1, should be placed between VDD_LV_CORx/VSS_LV_CORx close to external ballast transistor emitter. 4 capacitors, with total values not below CDEC2, should be placed close to microcontroller pins between each VDD_LV_CORx/VSS_LV_CORx supply pairs and the VDD_LV_REGCOR/VSS_LV_REGCOR pair . Additionally, capacitors with total values not below CDEC3, should be placed between the VDD_HV_REG/VSS_HV_REG pins close to ballast collector. Capacitors values have to take into account capacitor accuracy, aging and variation versus temperature. All reported information are valid for voltage and temperature ranges described in recommended operating condition, Table 10 and Table 11. Figure 9. Configuration with resistor on base Table 16. Approved NPN ballast components (configuration with resistor on base) Part Manufacturer Approved derivatives(1) BCP68 ON Semi BCP68 NXP BCP68-25 Infineon BCP68-25 BCX68 Infineon BCX68-10;BCX68-16;BCX68-25 BC868 NXP BC868 BCTRL VDD_LV_COR CDEC3 CDEC2 CDEC1 VDD_HV_REG BJT(1) SPC560P44Lx, 1. Refer to Table 16. RB |