| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC560B50x bảng dữ liệu(PDF) 90 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560B50x bảng dữ liệu(HTML) 90 Page - STMicroelectronics |
|
90 / 116 page ![]() Table 47. DSPI characteristics(1) No. Symbol C Parameter DSPI0/DSPI1 DSPI2 Unit Min Typ Max Min Typ Max 1tSCK SR D SCK cycle time Master mode (MTFE = 0) 125 — — 333 — — ns D Slave mode (MTFE = 0) 125 — — 333 — — D Master mode (MTFE = 1) 83 — — 125 — — D Slave mode (MTFE = 1) 83 — — 125 — — —fDSPI SR D DSPI digital controller frequency — — fCPU —— fCPU MHz — t CSC CC D Internal delay between pad associated to SCK and pad associated to CSn in master mode for CSn1 0 Master mode — — 130(2) —— 15(3) ns — t ASC CC D Internal delay between pad associated to SCK and pad associated to CSn in master mode for CSn1 1 Master mode — — 130(3) —— 130(3) ns 2tCSCext (4) SR D CS to SCK delay Slave mode 32 — — 32 — — ns 3tASCext (5) SR D After SCK delay Slave mode 1/fDSPI + 5 — — 1/fDSPI + 5 — — ns 4tSDC CC D SCK duty cycle Master mode — tSCK/2 —— tSCK/2 — ns SR D Slave mode tSCK/2 —— tSCK/2 —— 5tA SR D Slave access time Slave mode — — 1/fDSPI + 70 — — 1/fDSPI + 130 ns 6tDI SR D Slave SOUT disable time Slave mode 7 — — 7 — — ns 7tPCSC SR D PCSx to PCSS time 0 — — 0 — — ns 8tPASC SR D PCSS to PCSx time 0 — — 0 — — ns |