công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC560B50x bảng dữ liệu(PDF) 88 Page - STMicroelectronics

tên linh kiện SPC560B50x
Giải thích chi tiết về linh kiện  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x bảng dữ liệu(HTML) 88 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 84Page - STMicroelectronics SPC560B50x Datasheet HTML 85Page - STMicroelectronics SPC560B50x Datasheet HTML 86Page - STMicroelectronics SPC560B50x Datasheet HTML 87Page - STMicroelectronics SPC560B50x Datasheet HTML 88Page - STMicroelectronics SPC560B50x Datasheet HTML 89Page - STMicroelectronics SPC560B50x Datasheet HTML 90Page - STMicroelectronics SPC560B50x Datasheet HTML 91Page - STMicroelectronics SPC560B50x Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 116 page
background image
Package pinouts and signal descriptions
SPC560B40x/50x, SPC560C40x/50x
88/116
DocID14619 Rev 13
3.27.2
DSPI characteristics
Table 46. On-chip peripherals current consumption(1)
1.
Operating conditions: TA = 25 °C, fperiph = 8 MHz to 64 MHz
Symbol
C
Parameter
Conditions
Typical
value(2)
2.
fperiph is an absolute value.
Unit
IDD_BV(CAN)
CC T
CAN (FlexCAN) supply
current on VDD_BV
Bitrate:
500 Kbyte/s
Total (static + dynamic)
consumption:
– FlexCAN in loop-back
mode
– XTAL @ 8 MHz used as
CAN engine clock source
– Message sending period
is 580 µs
8 * fperiph + 85
µA
Bitrate:
125 Kbyte/s
8 * fperiph + 27
IDD_BV(eMIOS)
CC T
eMIOS supply current on
VDD_BV
Static consumption:
– eMIOS channel OFF
– Global prescaler enabled
29 * fperiph
µA
Dynamic consumption:
– It does not change varying the
frequency (0.003 mA)
3
IDD_BV(SCI)
CC T
SCI (LINFlex) supply
current on VDD_BV
Total (static + dynamic) consumption:
– LIN mode
– Baudrate: 20 Kbyte/s
5 * fperiph + 31
µA
IDD_BV(SPI)
CC T
SPI (DSPI) supply current
on VDD_BV
Ballast static consumption (only clocked)
1
µA
Ballast dynamic consumption
(continuous communication):
– Baudrate: 2 Mbit/s
– Transmission every 8 µs
– Frame: 16 bits
16 * fperiph
IDD_BV(ADC)
CC T
ADC supply current on
VDD_BV
VDD = 5.5 V
Ballast static consumption
(no conversion)
41 * fperiph
µA
Ballast dynamic
consumption
(continuous conversion)(3)
5 * fperiph
IDD_HV_ADC(ADC) CC T
ADC supply current on
VDD_HV_ADC
VDD = 5.5 V
Analog static consumption
(no conversion)
2 * fperiph
µA
Analog dynamic
consumption
(continuous conversion)
75 * fperiph + 32
IDD_HV(FLASH) CC T
Code Flash + Data Flash
supply current on
VDD_HV
VDD = 5.5 V
—
8.21
mA
IDD_HV(PLL)
CC T
PLL supply current on
VDD_HV
VDD = 5.5 V
—
30 * fperiph
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com