| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE24M31 bảng dữ liệu(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE24M31 bảng dữ liệu(HTML) 37 Page - STMicroelectronics |
|
37 / 85 page ![]() STMPE16M31, STMPE24M31 PWM array controller Doc ID 16174 Rev 4 37/85 10 PWM array controller The STMPE24M31 integrates 8 independent PWM controllers capable of blinking and brightness control. Each of the PWM controllers can be programmed to execute a series of blinking/brightness control actions. One PWM controller could be mapped to more than one GPIO, allowing multiple GPIO outputs to share a PWM controller. Each PWM controller can be connected to any of GPIO channel through the routing network which is controlled by GPIOn_PWM_CFG register (n = GPIO channel number). Figure 10. PWM array controller Obsolete Product(s) - Obsolete Product(s) |