| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE24M31 bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE24M31 bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 85 page ![]() STMPE16M31, STMPE24M31 Register map and function description Doc ID 16174 Rev 4 19/85 0x27 GPIO_7_PWM_CFG 0x00 RW Configures PWM output of GPIO-7 0x28 GPIO_8_PWM_CFG 0x00 RW Configures PWM output of GPIO-8 0x29 GPIO_9_PWM_CFG 0x00 RW Configures PWM output of GPIO-9 0x2A GPIO_10_PWM_CFG 0x00 RW Configures PWM output of GPIO-10 0x2B GPIO_11_PWM_CFG 0x00 RW Configures PWM output of GPIO-11 0x2C GPIO_12_PWM_CFG 0x00 RW Configures PWM output of GPIO-12 0x2D GPIO_13_PWM_CFG 0x00 RW Configures PWM output of GPIO-13 0x2E GPIO_14_PWM_CFG 0x00 RW Configures PWM output of GPIO-14 0x2F GPIO_15_PWM_CFG 0x00 RW Configures PWM output of GPIO-15 0x30 PWM_MASTER_EN 0x00 RW PWM master enable 0x40 PWM_0_SET 0x00 RW PWM0 setup 0x41 PWM_0_CTRL 0x00 RW PWM0 control 0x42 PWM_0_RAMP_RATE 0x00 RW PWM0 ramp rate 0x43 PWM_0_TRIG 0x00 RW PWM0 trigger 0x44 PWM_1_SET 0x00 RW PWM1 setup 0x45 PWM_1_CTRL 0x00 RW PWM1 control 0x46 PWM_1_RAMP_RATE 0x00 RW PWM1 ramp rate 0x47 PWM_1_TRIG 0x00 RW PWM1 trigger 0x48 PWM_2_SET 0x00 RW PWM2 setup 0x49 PWM_2_CTRL 0x00 RW PWM2 control 0x4A PWM_2_RAMP_RATE 0x00 RW PWM2 ramp rate 0x4B PWM_2_TRIG 0x00 RW PWM2 trigger 0x4C PWM_3_SET 0x00 RW PWM3 setup 0x4D PWM_3_CTRL 0x00 RW PWM3 control 0x4E PWM_3_RAMP_RATE 0x00 RW PWM3 ramp rate 0x4F PWM_3_TRIG 0x00 RW PWM3 trigger 0x50 PWM_4_SET 0x00 RW PWM4 setup 0x51 PWM_4_CTRL 0x00 RW PWM4 control 0x52 PWM_4_RAMP_RATE 0x00 RW PWM4 ramp rate Table 8. Register map (continued) Address Register name Reset value I2C Register function Obsolete Product(s) - Obsolete Product(s) |