| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE24M31 bảng dữ liệu(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE24M31 bảng dữ liệu(HTML) 64 Page - STMicroelectronics |
|
64 / 85 page ![]() Touch sensor controller STMPE16M31, STMPE24M31 64/85 Doc ID 16174 Rev 4 3rd byte [23:16] 76 543 210 Touch TIME_STAMP[6:0] RW RW RW RW RW RW RW RW 00 000 000 [9:0] POS Position of the touch in ratio engine sensors [15:10] MOV Movement of the touch location as a function of POS1 – POS0, where POS1 is current position and POS0 is position before. [22:16] TIME_STAMP Delay between current and previous samples in unit of time [23] TOUCH This bit indicates the status of the finger ‘1’ indicates a finger touches the slider/wheel ‘0’ indicates no touch is detected Ratio Engine generates an interrupt on the event of transition from touch to no touch. When host receive the interrupt, it needs to check this bit to verify the presence of the finger. When touch is detected, the data in RE1_POS and RE2_POS are valid, otherwise it means finger is lifted up Obsolete Product(s) - Obsolete Product(s) |