| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE24M31 bảng dữ liệu(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE24M31 bảng dữ liệu(HTML) 69 Page - STMicroelectronics |
|
69 / 85 page ![]() STMPE16M31, STMPE24M31 Touchkey controller Doc ID 16174 Rev 4 69/85 Bit 23-16 (0x9C) TOUCH_DET Touchkey detection register Address: 0xB4-B6 Type: RW Reset: 0x000000 Description: Represents the real time status of the touchkey input. This is a direct result of comparison of sensed impedance with calibrated impedance (taking in account of hysteresis). This data is not buffered. Bit 7-0 (0xB4) Bit 15-8 (0xB5) 76 543 210 S23 S22 S21 S20 S18 S2 S17 S16 RW RW RW RW RW RW RW RW 00 000 000 [23:0] S-X Read ‘1’ if the corresponding sensor channel status is ‘touched’. 76 543 210 S7 S6 S5 S4 S3 S2 S1 S0 RW RW RW RW RW RW RW RW 00 000 000 [S23:S16] 76 543 210 S15 S14 S13 S12 S11 S10 S9 S8 RW RW RW RW RW RW RW RW 00 000 000 [S15:S6] Obsolete Product(s) - Obsolete Product(s) |