| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE24M31 bảng dữ liệu(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE24M31 bảng dữ liệu(HTML) 58 Page - STMicroelectronics |
|
58 / 85 page ![]() Touch sensor controller STMPE16M31, STMPE24M31 58/85 Doc ID 16174 Rev 4 CH_DATA-n CHDATA-n registers (0-23) Address: 0xC0-0xEF Type: RW Reset: 0x00 Description: Capacitive sensor channel data. The type of data represented by this register depends on the channel data type register (0x7C). LSB, address : 0xC0 + (2*N), N = channel number MSB, address: 0xC0 + (2*N+1), N = channel numer 76 543 210 Channel N data [7:0] RW RW RW RW RW RW RW RW 00 000 000 76 543 210 Channel N data [15:8] RW RW RW RW RW RW RW RW 00 000 000 [16:0] Channel data Display data selected by channel data type register (0x7C) Obsolete Product(s) - Obsolete Product(s) |