| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB95650L bảng dữ liệu(PDF) 92 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB95650L bảng dữ liệu(HTML) 92 Page - Cypress Semiconductor |
|
92 / 105 page ![]() Document Number: 002-04696 Rev. *A Page 92 of 105 MB95650L Series 0 1 2 5 4 3 −50 0 +50 +100 +150 TA[ °C] ICCT TA VCC 3.3 V, FMPL 16 kHz (divided by 2) Watch mode with the external clock operating 0 2 5 10 9 8 7 6 1 3 4 −50 0 +50 +100 +150 TA[ °C] ICCLS TA VCC 3.3 V, FMPL 16 kHz (divided by 2) Subsleep mode with the external clock operating 0 2 1 5 4 3 10 9 8 7 6 1234567 VCC[V] 0 1 3 2 5 4 1234567 VCC[V] 0 200 100 400 300 600 500 1234567 VCC[V] FMP = 16 MHz FMP = 10 MHz FMP = 8 MHz FMP = 4 MHz FMP = 2 MHz 0 100 300 200 600 500 400 FMP = 16 MHz FMP = 10 MHz FMP = 8 MHz FMP = 4 MHz FMP = 2 MHz −50 0 +50 +100 +150 TA[ °C] ICCLS VCC TA 25 C, FMPL 16 kHz (divided by 2) Subsleep mode with the external clock operating ICCT VCC TA 25 C, FMPL 16 kHz (divided by 2) Watch mode with the external clock operating ICCTS VCC TA 25 C, FMP 2, 4, 8, 10, 16 MHz (divided by 2) Time-base timer mode with the external clock operating ICCTS TA VCC 3.3 V, FMP 2, 4, 8, 10, 16 MHz (divided by 2) Time-base timer mode with the external clock operating |