công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB95650L bảng dữ liệu(PDF) 70 Page - Cypress Semiconductor

tên linh kiện MB95650L
Giải thích chi tiết về linh kiện  F2MC-8FX CPU core
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95650L bảng dữ liệu(HTML) 70 Page - Cypress Semiconductor

Back Button MB95650L Datasheet HTML 66Page - Cypress Semiconductor MB95650L Datasheet HTML 67Page - Cypress Semiconductor MB95650L Datasheet HTML 68Page - Cypress Semiconductor MB95650L Datasheet HTML 69Page - Cypress Semiconductor MB95650L Datasheet HTML 70Page - Cypress Semiconductor MB95650L Datasheet HTML 71Page - Cypress Semiconductor MB95650L Datasheet HTML 72Page - Cypress Semiconductor MB95650L Datasheet HTML 73Page - Cypress Semiconductor MB95650L Datasheet HTML 74Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 105 page
background image
Document Number: 002-04696 Rev. *A
Page 70 of 105
MB95650L Series
18.4.4 Power-on Reset
(VSS = 0.0 V, TA = 40 °C to 85 °C)
Parameter
Symbol
Pin
name
Value
Unit
Remarks
Min
Typ
Max
Power supply
rising time
dV/dt
VCC
0.1
—
—
V/ms
Power supply
cutoff time
Toff
1—
—
ms
Reset release
voltage
Vdeth
1.44
1.60
1.76
V
At voltage rise
Reset detection
voltage
Vdetl
1.39
1.55
1.71
V
At voltage fall
Reset release
delay time
Tond
—
—
10
ms
dV/dt
 0.1 mV/µs
Reset detection
delay time
Toffd
——
0.4
ms
dV/dt
 0.04 mV/µs
Vdeth
VCC
Power-on reset
Vdetl
0.2 V
Toff
Toffd
Tond
dV
dt
0.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More