công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB95650L bảng dữ liệu(PDF) 86 Page - Cypress Semiconductor

tên linh kiện MB95650L
Giải thích chi tiết về linh kiện  F2MC-8FX CPU core
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95650L bảng dữ liệu(HTML) 86 Page - Cypress Semiconductor

Back Button MB95650L Datasheet HTML 82Page - Cypress Semiconductor MB95650L Datasheet HTML 83Page - Cypress Semiconductor MB95650L Datasheet HTML 84Page - Cypress Semiconductor MB95650L Datasheet HTML 85Page - Cypress Semiconductor MB95650L Datasheet HTML 86Page - Cypress Semiconductor MB95650L Datasheet HTML 87Page - Cypress Semiconductor MB95650L Datasheet HTML 88Page - Cypress Semiconductor MB95650L Datasheet HTML 89Page - Cypress Semiconductor MB95650L Datasheet HTML 90Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 105 page
background image
Document Number: 002-04696 Rev. *A
Page 86 of 105
MB95650L Series
18.5 A/D Converter
18.5.1 A/D Converter Electrical Characteristics
(VCC = 1.8 V to 5.5 V, VSS = 0.0 V, TA = 40 °C to 85 °C)
*: See “18.4.2. Notes on Using A/D Converter” for details of the minimum sampling time.
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Resolution
—
—
—
12
bit
Total error
6—
6LSB VCC  2.7 V
10
—
10
LSB VCC  2.7 V
Linearity error
3—
3LSB VCC  2.7 V
5—
5LSB VCC  2.7 V
Differential linearity error
1.9
—
1.9
LSB VCC  2.7 V
2.9
—
2.9
LSB VCC  2.7 V
Zero transition voltage
V0T
VSS  6 LSB
—
VSS  8.2 LSB
mV
Full-scale transition
voltage
VFST
VCC  6.2 LSB
—
VCC  9.2 LSB
mV
Sampling time
TS
*
—
10
µs
Compare time
Tcck
0.861
—
14
µs
VCC  2.7 V
2.8
—
14
µs
VCC  2.7 V
Time of transiting to
operation enabled state
Tstt
1—
—
µs
Analog input current
IAIN
0.3
—
0.3
µA
Analog input voltage
VAIN
VSS
—VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More