công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB95650L bảng dữ liệu(PDF) 57 Page - Cypress Semiconductor

tên linh kiện MB95650L
Giải thích chi tiết về linh kiện  F2MC-8FX CPU core
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95650L bảng dữ liệu(HTML) 57 Page - Cypress Semiconductor

Back Button MB95650L Datasheet HTML 53Page - Cypress Semiconductor MB95650L Datasheet HTML 54Page - Cypress Semiconductor MB95650L Datasheet HTML 55Page - Cypress Semiconductor MB95650L Datasheet HTML 56Page - Cypress Semiconductor MB95650L Datasheet HTML 57Page - Cypress Semiconductor MB95650L Datasheet HTML 58Page - Cypress Semiconductor MB95650L Datasheet HTML 59Page - Cypress Semiconductor MB95650L Datasheet HTML 60Page - Cypress Semiconductor MB95650L Datasheet HTML 61Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 105 page
background image
Document Number: 002-04696 Rev. *A
Page 57 of 105
MB95650L Series
(Continued)
*3: Specific pins: P00 to P07, P14, P15, P62 to P64, PF0, PF1, PG1, PG2
• Use under recommended operating conditions.
• Use with DC voltage (current).
• The HV (High Voltage) signal is an input signal exceeding the VCC voltage. Always connect a limiting resistor
between the HV (High Voltage) signal and the microcontroller before applying the HV (High Voltage) signal.
• The value of the limiting resistor should be set to a value at which the current to be input to the microcontroller pin
when the HV (High Voltage) signal is input is below the standard value, irrespective of whether the current is transient
current or stationary current.
• When the microcontroller drive current is low, such as in low power consumption modes, the HV (High Voltage)
input potential may pass through the protective diode to increase the potential of the VCC pin, affecting other devices.
• If the HV (High Voltage) signal is input when the microcontroller power supply is off (not fixed at 0 V), since power
is supplied from the pins, incomplete operations may be executed.
• If the HV (High Voltage) input is input after power-on, since power is supplied from the pins, the voltage of power
supply may not be sufficient to enable a power-on reset.
• Do not leave the HV (High Voltage) input pin unconnected.
• Example of a recommended circuit:
WARNING:
Semiconductor devices may be permanently damaged by application of stress (including, without limitation, voltage,
current or temperature) in excess of absolute maximum ratings.
Do not exceed any of these ratings.
HV(High Voltage) input (0 V to 16 V)
Protective diode
VCC
N-ch
P-ch
R
Limiting
resistor
Input/Output equivalent circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More