| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8281ECS/R bảng dữ liệu(PDF) 253 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8281ECS/R bảng dữ liệu(HTML) 253 Page - Cirrus Logic |
|
253 / 392 page ![]() WM8281 Rev 4.0 253 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 13 HPDET_EINT2 0 Headphone Detect Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 12 MICDET_EINT2 0 Microphone / Accessory Detect Interrupt (Detection event triggered) Note: Cleared when a ‘1’ is written. 11 WSEQ_DONE_EI NT2 0 Write Sequencer Done Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 10 DRC2_SIG_DET _EINT2 0 DRC2 Signal Detect Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 9 DRC1_SIG_DET _EINT2 0 DRC1 Signal Detect Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 8 ASRC2_LOCK_E INT2 0 ASRC2 Lock Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 7 ASRC1_LOCK_E INT2 0 ASRC1 Lock Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 6 UNDERCLOCKE D_EINT2 0 Underclocked Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 5 OVERCLOCKED _EINT2 0 Overclocked Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 3 FLL2_LOCK_EIN T2 0 FLL2 Lock Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 2 FLL1_LOCK_EIN T2 0 FLL1 Lock Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 1 CLKGEN_ERR_E INT2 0 SYSCLK Underclocked Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 0 CLKGEN_ERR_A SYNC_EINT2 0 ASYNCCLK Underclocked Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. R3347 (0D13h) IRQ2 Status 4 12 CTRLIF_ERR_EI NT2 0 Control Interface Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 11 MIXER_DROPPE D_SAMPLE_EIN T2 Mixer Dropped Sample Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 10 ASYNC_CLK_EN A_LOW_EINT2 0 ASYNC_CLK_ENA Interrupt (Triggered on ASYNCCLK shut-down) Note: Cleared when a ‘1’ is written. 9 SYSCLK_ENA_L OW_EINT2 0 SYSCLK_ENA Interrupt (Triggered on SYSCLK shut-down) Note: Cleared when a ‘1’ is written. 8 ISRC1_CFG_ER R_EINT2 0 ISRC1 Configuration Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. |