| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8281ECS/R bảng dữ liệu(PDF) 31 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8281ECS/R bảng dữ liệu(HTML) 31 Page - Cirrus Logic |
|
31 / 392 page ![]() WM8281 Rev 4.0 31 SIGNAL TIMING REQUIREMENTS SYSTEM CLOCK & FREQUENCY LOCKED LOOP (FLL) MCLK tMCLKL tMCLKH tMCLKY VIH VIL Figure 1 Master Clock Timing Test Conditions The following timing information is valid across the full range of recommended operating conditions. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Master Clock Timing (MCLK1, MCLK2) MCLK cycle time MCLK as input to FLL, FLLn_REFCLK_DIV=00 74 ns MCLK as input to FLL, FLLn_REFCLK_DIV=01 37 MCLK as input to FLL, FLLn_REFCLK_DIV=10 18 MCLK as input to FLL, FLLn_REFCLK_DIV=11 12.5 MCLK as direct SYSCLK or ASYNCCLK source 40 MCLK duty cycle MCLK as input to FLL 80:20 20:80 % MCLK as direct SYSCLK or ASYNCCLK source 60:40 40:60 MCLK2 frequency Sleep Mode 32.768 kHz Frequency Locked Loops (FLL1, FLL2) FLL input frequency FLLn_REFCLK_DIV=00 0.032 13.5 MHz FLLn_REFCLK_DIV=01 0.064 27 FLLn_REFCLK_DIV=10 0.128 54 FLLn_REFCLK_DIV=11 0.256 80 FLL synchroniser input frequency FLLn_SYNCCLK_DIV=00 0.032 13.5 MHz FLLn_SYNCCLK_DIV=01 0.064 27 FLLn_SYNCCLK_DIV=10 0.128 54 FLLn_SYNCCLK_DIV=11 0.256 80 |