| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8281ECS/R bảng dữ liệu(PDF) 256 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8281ECS/R bảng dữ liệu(HTML) 256 Page - Cirrus Logic |
|
256 / 392 page ![]() WM8281 256 Rev 4.0 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 5 GP5_FALL_EINT 2 0 GP5 Interrupt (Falling edge triggered) Note: Cleared when a ‘1’ is written. 4 GP5_RISE_EINT 2 0 GP5 Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 3 JD1_FALL_EINT 2 0 JD1 Interrupt (Falling edge triggered) Note: Cleared when a ‘1’ is written. 2 JD1_RISE_EINT 2 0 JD1 Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. R3412 (0D54h) AOD IRQ Mask IRQ2 IM_* 1 For each *_EINT2 interrupt register in R3410, a corresponding mask bit (IM_*) is provided in R3412. The mask bits are coded as: 0 = Do not mask interrupt 1 = Mask interrupt Table 97 Interrupt 2 Control Registers REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R3360 (0D20h) Interrupt Raw Status 1 11 DSP4_RAM_RD Y_STS 0 DSP4 RAM Status 0 = Not ready 1 = Ready 10 DSP3_RAM_RD Y_STS 0 DSP3 RAM Status 0 = Not ready 1 = Ready 9 DSP2_RAM_RD Y_STS 0 DSP2 RAM Status 0 = Not ready 1 = Ready 8 DSP1_RAM_RD Y_STS 0 DSP1 RAM Status 0 = Not ready 1 = Ready 7 DSP_IRQ8_STS 0 DSP IRQ8 Status 0 = Not asserted 1 = Asserted 6 DSP_IRQ7_STS 0 DSP IRQ7 Status 0 = Not asserted 1 = Asserted 5 DSP_IRQ6_STS 0 DSP IRQ6 Status 0 = Not asserted 1 = Asserted 4 DSP_IRQ5_STS 0 DSP IRQ5 Status 0 = Not asserted 1 = Asserted 3 DSP_IRQ4_STS 0 DSP IRQ4 Status 0 = Not asserted 1 = Asserted 2 DSP_IRQ3_STS 0 DSP IRQ3 Status 0 = Not asserted 1 = Asserted 1 DSP_IRQ2_STS 0 DSP IRQ2 Status 0 = Not asserted 1 = Asserted |