| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8281ECS/R bảng dữ liệu(PDF) 250 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8281ECS/R bảng dữ liệu(HTML) 250 Page - Cirrus Logic |
|
250 / 392 page ![]() WM8281 250 Rev 4.0 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 1 HP1R_DONE_EI NT1 0 HPOUT1R Enable Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 0 HP1L_DONE_EI NT1 0 HPOUT1L Enable Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. R3332 (0D04h) Interrupt Status 5 8 BOOT_DONE_EI NT1 0 Boot Done Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 5 ADC_OVERFLO W_EINT1 0 ADC Overflow Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 4 ADC_FIFO_OU_ EINT1 0 ADC FIFO Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 3 ASRC_CFG_ER R_EINT1 0 ASRC Configuration Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 1 FLL2_CLOCK_O K_EINT1 0 FLL2 Clock OK Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 0 FLL1_CLOCK_O K_EINT1 0 FLL1 Clock OK Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. R3333 (0D05h) Interrupt Status 6 15 DSP_SHARED_ WR_COLL_EINT 1 0 DSP Shared Memory Collision Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 14 SPK_SHUTDOW N_EINT1 0 Speaker Shutdown Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 13 SPKOUTR_SHO RT_EINT1 0 SPKOUTR Short Circuit Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 12 SPKOUTL_SHO RT_EINT1 0 SPKOUTL Short Circuit Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 11 HP3R_SC_NEG_ EINT1 0 HPOUT3R Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 10 HP3R_SC_POS_ EINT1 0 HPOUT3R Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 9 HP3L_SC_NEG_ EINT1 0 HPOUT3L Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 8 HP3L_SC_POS_ EINT1 0 HPOUT3L Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 7 HP2R_SC_NEG_ EINT1 0 HPOUT2R Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 6 HP2R_SC_POS_ EINT1 0 HPOUT2R Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. |