| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8281ECS/R bảng dữ liệu(PDF) 247 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8281ECS/R bảng dữ liệu(HTML) 247 Page - Cirrus Logic |
|
247 / 392 page ![]() WM8281 Rev 4.0 247 IM_xxx_EINT1 IM_xxx_EINT1 IM_GP1_EINT1 IM_FLL1_LOCK_EINT1 IM_DRC1_SIG_DET_EINT1 IM_UNDERCLOCKED_EINT1 xxx_EINT1 xxx_EINT1 GP1_EINT1 FLL1_LOCK_EINT1 DRC1_SIG_DET_EINT1 UNDERCLOCKED_EINT1 IM_IRQ1 IRQ1_STS xxx_STS xxx_STS GP1_LVL FLL1_LOCK_STS DRC1_SIG_DET_STS UNDERCLOCKED_STS IM_xxx_EINT2 IM_xxx_EINT2 IM_GP1_EINT2 IM_FLL1_LOCK_EINT2 IM_DRC1_SIG_DET_EINT2 IM_UNDERCLOCKED_EINT2 xxx_EINT2 xxx_EINT2 GP1_EINT2 FLL1_LOCK_EINT2 DRC1_SIG_DET_EINT2 UNDERCLOCKED_EINT2 IM_IRQ2 IRQ2_STS Note: not all available interrupt sources are shown Figure 68 Interrupt Controller REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R3087 (0C0Fh) IRQ CTRL 1 10 IRQ_POL 1 IRQ Output Polarity Select 0 = Non-inverted (Active High) 1 = Inverted (Active Low) 9 IRQ_OP_CFG 0 IRQ Output Configuration 0 = CMOS 1 = Open Drain R3328 (0D00h) Interrupt Status 1 3 GP4_EINT1 0 GPIO4 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 2 GP3_EINT1 0 GPIO3 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 1 GP2_EINT1 0 GPIO2 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 0 GP1_EINT1 0 GPIO1 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. R3329 (0D01h) Interrupt Status 2 11 DSP4_RAM_RD Y_EINT1 0 DSP4 RAM Ready Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 10 DSP3_RAM_RD Y_EINT1 0 DSP3 RAM Ready Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. |