| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8281ECS/R bảng dữ liệu(PDF) 249 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8281ECS/R bảng dữ liệu(HTML) 249 Page - Cirrus Logic |
|
249 / 392 page ![]() WM8281 Rev 4.0 249 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 7 ASRC1_LOCK_E INT1 0 ASRC1 Lock Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 6 UNDERCLOCKE D_EINT1 0 Underclocked Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 5 OVERCLOCKED _EINT1 0 Overclocked Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 3 FLL2_LOCK_EIN T1 0 FLL2 Lock Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 2 FLL1_LOCK_EIN T1 0 FLL1 Lock Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 1 CLKGEN_ERR_E INT1 0 SYSCLK Underclocked Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 0 CLKGEN_ERR_A SYNC_EINT1 0 ASYNCCLK Underclocked Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. R3331 (0D03h) Interrupt Status 4 12 CTRLIF_ERR_EI NT1 0 Control Interface Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 11 MIXER_DROPPE D_SAMPLE_EIN T1 Mixer Dropped Sample Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 10 ASYNC_CLK_EN A_LOW_EINT1 0 ASYNC_CLK_ENA Interrupt (Triggered on ASYNCCLK shut-down) Note: Cleared when a ‘1’ is written. 9 SYSCLK_ENA_L OW_EINT1 0 SYSCLK_ENA Interrupt (Triggered on SYSCLK shut-down) Note: Cleared when a ‘1’ is written. 8 ISRC1_CFG_ER R_EINT1 0 ISRC1 Configuration Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 7 ISRC2_CFG_ER R_EINT1 0 ISRC2 Configuration Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 6 ISRC3_CFG_ER R_EINT1 0 ISRC3 Configuration Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 5 HP3R_DONE_EI NT1 0 HPOUT3R Enable Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 4 HP3L_DONE_EI NT1 0 HPOUT3L Enable Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 3 HP2R_DONE_EI NT1 0 HPOUT2R Enable Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 2 HP2L_DONE_EI NT1 0 HPOUT2L Enable Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. |