công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC823 bảng dữ liệu(PDF) 12 Page - Motorola, Inc

tên linh kiện MPC823
Giải thích chi tiết về linh kiện  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 bảng dữ liệu(HTML) 12 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 8Page - Motorola, Inc MPC823 Datasheet HTML 9Page - Motorola, Inc MPC823 Datasheet HTML 10Page - Motorola, Inc MPC823 Datasheet HTML 11Page - Motorola, Inc MPC823 Datasheet HTML 12Page - Motorola, Inc MPC823 Datasheet HTML 13Page - Motorola, Inc MPC823 Datasheet HTML 14Page - Motorola, Inc MPC823 Datasheet HTML 15Page - Motorola, Inc MPC823 Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
Communication Processor Module
16-390
MPC823 REFERENCE MANUAL
MOTOROLA
A serial management controller in UART mode has one feature that an SCCx in UART mode
does not. Data length on an SMCx can be a maximum of 14 bits, whereas, a serial
communication controller only allows 8 bits. A serial management controller in UART mode
is also referred to as a SMCx UART controller.
16.11.6.1 FEATURES. The following list summarizes the main features of the SMCx in
UART mode:
• Flexible message-oriented data structure
• Programmable data length (5–14 bits)
• Programmable 1 or 2 stop bits
• Even/odd/no parity generation and checking
• Frame error, break, and idle detection
• Transmit preamble and break sequences
• Received break character length indication
• Continuous receive and transmit modes
16.11.6.2 SMCx UART CHANNEL TRANSMISSION PROCESS. The UART transmitter is
designed to work with almost no intervention from the core. When the core enables the
SMCx transmitter, it starts transmitting idles. The SMCx UART controller immediately polls
the first buffer descriptor in the transmit channel buffer descriptor ring and once every
character time after that, depending on the character length. When there is a message to
transmit, the SMCx UART controller fetches the data from memory and starts transmitting
the message.
Figure 16-115. SMCx UART Frame Format
SMTXD
SMCLK
16
×
START
BIT
5 TO 14 DATA BITS WITH THE
LEAST-SIGNIFICANT BIT FIRST
PAR.
BIT
OPTIONAL
1 OR 2
STOP BITS
(CLOCK NOT TO SCALE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com