công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC823 bảng dữ liệu(PDF) 38 Page - Motorola, Inc

tên linh kiện MPC823
Giải thích chi tiết về linh kiện  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 bảng dữ liệu(HTML) 38 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 34Page - Motorola, Inc MPC823 Datasheet HTML 35Page - Motorola, Inc MPC823 Datasheet HTML 36Page - Motorola, Inc MPC823 Datasheet HTML 37Page - Motorola, Inc MPC823 Datasheet HTML 38Page - Motorola, Inc MPC823 Datasheet HTML 39Page - Motorola, Inc MPC823 Datasheet HTML 40Page - Motorola, Inc MPC823 Datasheet HTML 41Page - Motorola, Inc MPC823 Datasheet HTML 42Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
Communication Processor Module
16-416
MPC823 REFERENCE MANUAL
MOTOROLA
W—Wrap (Final Buffer Descriptor in Table)
0 = This is not the last buffer descriptor in the RX buffer descriptor table.
1 = This is the last buffer descriptor in the RX buffer descriptor table. After this buffer
is used, the communication processor module receives incoming data into the first
buffer descriptor that RBASE points to in the table. The number of RX buffer
descriptors in this table is programmable and determined only by the W bit and
overall space constraints of the dual-port RAM.
I—Interrupt
0 = No interrupt is generated after this buffer is filled.
1 = The RX bit in the SMCE–Transparent register is set when this buffer is completely
filled by the communication processor module, thus indicating that the core needs
to process the buffer. The RX bit can cause an interrupt if it is enabled.
CM—Continuous Mode
0 = Normal operation.
1 = The E bit is not cleared by the communication processor module after this buffer
descriptor is closed, thus allowing the associated data buffer to be automatically
overwritten next time the communication processor module accesses this buffer
descriptor. However, the E bit is cleared if an error occurs during reception,
regardless of how the CM bit is set.
OV—Overrun
This bit indicates that a receiver overrun has occurred during message reception. The
communication processor module writes this bit after the received data is placed into the
associated data buffer.
DATA LENGTH
This field represents the number of octets that the communication processor module writes
into this data buffer. It is only written once by the communication processor module as the
buffer is closed. The communication processor module writes this field after the received
data is placed into the associated data buffer.
RX DATA BUFFER POINTER
This field always points to the first location of the associated data buffer, must be even, and
can reside in internal or external memory. The communication processor module writes
these bits after the received data is placed into the associated data buffer.
Note: The actual amount of memory allocated for this buffer must be greater than or
equal to the MRBLR entry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com