| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IS1678 bảng dữ liệu(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
IS1678 bảng dữ liệu(HTML) 12 Page - Microchip Technology |
|
12 / 54 page ![]() IS1678 DS60001386A-Page 12 Advance Information 2016 Microchip Technology Inc. FIGURE 2-3: SW_BTN TIME (LOW) AT ACCESS STATES(1,2) Note 1: Reset is ‘no connect’. 2: Time is configured as default setting. FIGURE 2-4: SW_BTN TIME (LOW) AT LINK STATES(1,2,3) Note 1: The 830 ms is a typical value measured on iPhone® 6 and it can vary from one smart phone to another. 2: Reset is ‘no connect’. 3: Time is configured as default setting. |