công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IS1678 bảng dữ liệu(PDF) 30 Page - Microchip Technology

tên linh kiện IS1678
Giải thích chi tiết về linh kiện  Bluetooth짰 Dual-Mode SoC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1678 bảng dữ liệu(HTML) 30 Page - Microchip Technology

Back Button IS1678 Datasheet HTML 26Page - Microchip Technology IS1678 Datasheet HTML 27Page - Microchip Technology IS1678 Datasheet HTML 28Page - Microchip Technology IS1678 Datasheet HTML 29Page - Microchip Technology IS1678 Datasheet HTML 30Page - Microchip Technology IS1678 Datasheet HTML 31Page - Microchip Technology IS1678 Datasheet HTML 32Page - Microchip Technology IS1678 Datasheet HTML 33Page - Microchip Technology IS1678 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
IS1678
DS60001386A-Page 30
Advance Information
 2016 Microchip Technology Inc.
Table 6-1 through Table 6-8 provide the recommended
operating conditions and the electrical specifications of
the IS1678S/SM.
Note 1:
HTOL life test condition: +125ºC, BAT_IN = 4.2V, LDO33_O = 3.3V, LDO18_O = 1.9V
Note 1:
With 1 uF capacitors at LDO18_O as the condition for IP verification.
2:
Output voltage can be calibrated by using the MP tool.
Note 1:
With 10 uF capacitor at LDO33_O as the condition for IP verification.
2:
Output voltage can be calibrated by using the MP tool.
TABLE 6-1:
RECOMMENDED OPERATING CONDITIONS
Rating
Min.
Typical
Max.
Ambient Operating temperature range
-20ºC
+25ºC
+70ºC
Relative Humidity (Operating)
10%
—
90%
Relative Humidity (Storage)
10%
—
90%
ESD
HBM
—
±2KV
—
MM
—
±200V
—
HTOL (see note 1)
—
1000 hrs
—
Supply voltage: BAT_IN
3.3V
—
4.2V
Supply voltage: VDD_IO
3.0V
3.3V
3.63V
Supply voltage: LDO18_IN
3.0V
3.3V
3.63V
Supply voltage: 1V8, VCC_RF, VDD_XO, AVDD_SAR
1.8V
1.9V
2.1V
SW_BTN
3.3V
—
4.2V
LED1
——
3.6V
Reset VTH,res threshold voltage
—
1.6V
—
VIL input logic levels low
-0.3V
—
0.8V
VIH input logic levels high
2.0V
—
3.6V
VOL output logic levels low (Iol = 12 mA)
—
—
0.4V
VOH output logic levels high (Ioh = 12 mA)
2.4V
—
—
RF continous Tx mode
—
—
43 mA
RF continous Rx mode
—
—
37 mA
TABLE 6-2:
1.8V LDO ELECTRICAL PARAMETERS(1,2)
Parameter
Min.
Typical
Max.
Unit
Operating Temperature
-20
—
+70
ºC
Output Current (VIN = 3.0V/load regulation with 80mV
drop)
—100
—
mA
Quiescent Current (Vin < 3.0V)
—
13
—
μA
TABLE 6-3:
3.3V LDO ELECTRICAL PARAMETERS(1,2)
Parameter
Min.
Typical
Max.
Unit
Operating Temperature
-20
—
+70
ºC
Output Current (VIN = 3.6V /load regulation with 100 mV
drop)
—100
—
mA
Quiescent Current (VIN = 3.6V)
—
150
—
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54