| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IS1678 bảng dữ liệu(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
IS1678 bảng dữ liệu(HTML) 21 Page - Microchip Technology |
|
21 / 54 page ![]() 2016 Microchip Technology Inc. Advance Information DS60001386A-Page 21 IS1678 For manual pattern, Figure 3-6 illustrates the state changes require the corresponding command. For example, MCU sends the ‘Invisible_Setting’ command with the parameter ‘Enter_Standby_Mode’, then the IS1678 enters into Standby mode. The MCU sends the ‘SPP_Create_Link’ command, then the IS1678 enters into Link-back mode. In Auto pattern, the IS1678 goes into Deep-sleep mode after the connection is termi- nated. However, in manual pattern, the IS1678 stays in Idle mode after connection is terminated. The MCU decides the mode of IS1678 once the connection has been terminated, based on the overall system behav- ior. Figure 3-7 illustrates the protocol pipe. If MCU wants to send data “12345” to remote side, the data format fol- lows the UART command protocol. FIGURE 3-6: STATE CHANGES BY MCU IN MANUAL PATTERN FIGURE 3-7: MANUAL PATTERN PROTOCOL PIPE |